Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9512 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9512
Description  Precision SMA Female to SMP Male Adapter 18 Ghz.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9512 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9512 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9512 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9512 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
PE9512 REV
Precision SMA Female to SMP Male Adapter 18 Ghz.
PE9512
CAD Drawing


Similar Part No. - PE9512

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9510 PASTERNACK-PE9510 Datasheet
245Kb / 2P
   Precision 7/16 DIN Female to 7mm Sexless Adapter
PE9511 PASTERNACK-PE9511 Datasheet
255Kb / 3P
   Precision SMA Male to SMP Male Adapter 18 Ghz.
PE9513 PASTERNACK-PE9513 Datasheet
257Kb / 3P
   Precision SMA Male to SMP Female Adapter 18 Ghz.
PE9515 PASTERNACK-PE9515 Datasheet
250Kb / 3P
   Precision N Male to N Female Radius Right Angle Adapter
PE9516 PASTERNACK-PE9516 Datasheet
248Kb / 2P
   MMCX Jack to BNC Female Adapter
More results

Similar Description - PE9512

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9513 PASTERNACK-PE9513 Datasheet
257Kb / 3P
   Precision SMA Male to SMP Female Adapter 18 Ghz.
PE9511 PASTERNACK-PE9511 Datasheet
255Kb / 3P
   Precision SMA Male to SMP Male Adapter 18 Ghz.
PE9778 PASTERNACK-PE9778 Datasheet
109Kb / 1P
   SMP MALE TO SMA FEMALE PRECISION ADAPTER
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
   Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE91103 PASTERNACK-PE91103 Datasheet
252Kb / 3P
   Precision SMA Male to Mini SMP Female Adapter
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
   Precision SMA Male to Mini SMP Female Adapter
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
   Precision SMA Female to SMA Female Adapter, 18 Ghz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
   Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9779 PASTERNACK-PE9779 Datasheet
247Kb / 2P
   Precision SMA Female to SMP Female Adapter
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
   Precision SMA Female to SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com