Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9375SE-J0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9375SE-J0A1E
Description  AMD Geode??LX800 3.5" SBC, VGA, LVDS, LCD, Dual Ethernet, IDE, SATA, PC/104
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9375SE-J0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9375SE-J0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9375SE-J0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
PCM-9375
Packing List
Part No.
Description
Quantity
PCM-9375 SBC
Startup Manual
Utility CD
1701440351
IDE cable (44p/44p) 35cm (PCM-9375F/E series only)
1
1700060202
KB/MS cable 20cm
1
1701100202
LAN cable 20cm
1
1700001971
COM 2/3/4 RS-232 cable 21 cm
1
1700001977
Parallel Port cable 25cm
1
1703160160
Audio cable 16 cm
1
1703100121
USB cable (2 ports) w/ bracket 12cm
1
1700008894
SATA data cable 30cm (PCM-9375SF/SE only)
1
1703150102
SATA power cable 10cm (PCM-9375SF/SE only)
1960004868
LX800 heatsink for PCM-9375 39.5 x 39.6 x 9.8 mm
1960004869
CS5536 heatsink for PCM-9375 22.6 x 22.6 x 14.5 mm
Optional Accessories
Part No.
Description
1703040157
COM2 cable for RS-422/485
1703200201
ATX power control cable
9696937580E
PCM-9375-FDD module (must connect 1701340700 and 1700002212)
1701340700
Flat cable 34-pin for 9696937580E, 70cm (cable from 9696937580E’s
FDD port to FDD device )
1700002212
LPT Cable for 9696937580E , 1.27mm pitch, 10cm (cable from PCM-
9375’s LPT to 9696937580E’s LPT)
Embedded OS/API
Embedded OS/
API
Part No.
Description
WinCE
2070000729
Image PCM-9375 CE 5.0 Pro Plus Eng
2070001612
CE 6.0 Pro GX3 4Com V1.0 ENG
2070007509
CE 6.0 Pro PCM-9375_4COM V1.1 JPN
2070007810
CE 6.0 Pro GX3 4COM V1.2 ENG
Win XPE
2070007790
WES2009 ENG V4.0
2070007910
WES2009 24MUI V4.0
QNX
QNX 6.3.2, QNX 6.4.1
Vxwork
5.5
Linux
205E375000
Linux WDT Driver Ubuntu8.04 PCM-9375 V1.0 ENG
Software API
2066002300
CD SUSI Library V1.0
Ordering Information
Part No.
CPU
Memory
VGA LVDS TTL 10/100
Ethernet Audio
IDE/SATA
USB2.0 RS-232 RS-232/
422/485 CF
Expansion Thermal
Solution
Operating
Temp.
PCM-9375F-J0A1E
AMD LX800 SODIMM
1
-
1
2
Yes
1 IDE
4
3
1
1
PC/104
Passive
0 ~ 60° C
PCM-9375E-J0A1E
AMD LX800 SODIMM
1
18-bit -
2
Yes
1 IDE
4
3
1
1
PC/104
Passive
0 ~ 60° C
PCM-9375SF-J0A1E
AMD LX800 SODIMM
1
-
1
2
Yes
1 SATA
4
3
1
1
PC/104
Passive
0 ~ 60° C
PCM-9375SE-J0A1E
AMD LX800 SODIMM
1
18-bit -
2
Yes
1 SATA
4
3
1
1
PC/104
Passive
0 ~ 60° C
PCM-9375FZ-J0A1E
AMD LX800 SODIMM
1
-
1
2
Yes
1 IDE
4
3
1
1
PC/104
Passive
-20 ~ 80° C
PCM-9375EZ-J0A1E
AMD LX800 SODIMM
1
18-bit -
2
Yes
1 IDE
4
3
1
1
PC/104
Passive
-20 ~ 80° C
PCM-9375FZ2-J0A1E AMD LX800 SODIMM
1
-
1
2
Yes
1 IDE
4
3
1
1
PC/104
Passive
-40 ~ 85° C
PCM-9375EZ2-J0A1E AMD LX800 SODIMM
1
18-bit -
2
Yes
1 IDE
4
3
1
1
PC/104
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Rear I/O View
AMD Geode LX 800
PCI BUS
Transmiter
LPC Super I/O
Master
CompactFlash
IDE
AMD Geode
CS5536/CS5535
Watchdog
COM1/3/4
(RS-232)
COM2
(RS-232/422/485)
DDR SDRAM
DDR333
200-pin SODIMM x 1
VGA
Analog RGB
18/24 Bit TTL
TTL LCD
LVDS
RJ-45
(RTL 8139)
10/100 Ethernet
PCI to ISA Bridge
PC/104
IDE to SATA
bridge
SATA
USB 2.0
USB 2.0 x 4
AC-Link
(ALC203)
AC97 Codec
Line-in
Mic-in
Line-out
Slave
IDE / DMA33
PCM-9375SF/SE only
LPC Bus
BIOS
PS/2 KB&MS
GPIO IC
8-bit GPIO
SMBus
LPT
(SCH3114)
Speaker
Out
Amp
Box Header
(RTL 8139)
10/100 Ethernet
Block Diagram


Similar Part No. - PCM-9375SE-J0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9375SE-J0A1E ADVANTECH-PCM-9375SE-J0A1E Datasheet
356Kb / 2P
   3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com