Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9375E-J0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9375E-J0A1E
Description  AMD Geode??LX800 3.5" SBC, VGA, LVDS, LCD, Dual Ethernet, IDE, SATA, PC/104
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9375E-J0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9375E-J0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9375E-J0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5" Single Board Computers
Features
PCM-9375
AMD Geode™ LX800 3.5" SBC, VGA, LVDS,
LCD, Dual Ethernet, IDE, SATA, PC/104
ƒ AMD Geode™ low-power LX800 500 MHz processor
ƒ 24-bit TFT LCD interface, 18-bit LVDS LCD display
ƒ Low power : 7~8 Watts, supports extended temperature -40 ~ 85° C
ƒ Dual 10/100 Mbps Fast Ethernet
ƒ Supports up to 4 COM ports, 4 USB ports, PC/104 expansion
ƒ Supports SUSIAccess and Embedded Software APIs
LCD Inverter
PC/104
COM 1
LAN 1 KB/MS USB
VGA USB Reset button
ATX
Power button
SATA
GPIO
Audio
TFT LCD
Printer
COM2, 3, 4 Stand-by Power
Power
Specifications
Processor System
CPU
AMD Geode LX800 processor, up to 500 MHz
Frequency
500 MHz
L2 Cache
128 KB
System Chipset
AMD Geode LX800
BIOS
Award 4 Mb Flash ROM BIOS
Memory
Technology
DDR 333/400 MHz
Max. Capacity
512 MB
Socket
1 x 200-pin SODIMM
Display
Chipset
AMD Geode LX800
VRAM
Optimized shared memory architecture up to 64 MB system memory
Graphics Engine
AMD CS5536 2D engine
LVDS
1 x Single channel 18-bit LVDS (PCM-9375E), up to 1600 x 1200 x 32 bpp at 60 Hz
VGA
VGA: up to 1920 x 1440 @ 32 bpp (85 Hz)
TTL LCD
1 x 24-bit TTL (PCM-9375F), up to 1600 x 1200 x 32 bpp at 60 Hz
Dual Display
VGA+TTL, VGA+LVDS
Ethernet
Speed
10/100 Mbps (Supports Wake on LAN)
Controller
Ethernet1 Realtek RTL8139 10/100 Mbps
Ethernet2 Realtek RTL8139 10/100 Mbps
Connector
RJ-45 on Ethernet1, box header on Ethernet2
Audio
Chipset
Realtek ALC203 AC97, Line-in, Line-out, Mic-in
WatchDog Timer
Output System reset, Programmable counter from 1 ~ 255 minutes/ seconds
Storage
CompactFlash
CompactFlash type I/II (Primary Master IDE Channel)
SATA
1 x SATA (Max. Data Transfer Rate 150 MB/s) (only for PCM-9375S)
IDE
1 (only for PCM-9375F/9375E)
Floppy
1 (Shared with LPT)
Rear I/O
Serial
1 (COM1 supports RS-232) (ESD protection for RS-232: Air gap ±15kV, Contact ±8kV)
Ethernet
1 (10/100 Mbps)
PS/2 KB/Mouse
1
VGA
1
Reset Button
1
Internal I/O
USB
4 x USB 2.0
Serial
3 x COM (ESD protection for RS-232: Air gap ±15kV, Contact ±8kV)
COM3/COM4 supports RS-232
COM2 supports RS-232/422/485 (Supports RS-485 auto flow control)
IDE
1 UDMA 33/66
Parallel (LPT)
1 (Shared with LPT)
FDD
1 (Shared with LPT)
GPIO
8-bit GPIO
I2C
optional
Expansion
PC/104 Slot
PC/104 Expansion(8/16-Bit ISA)
Power
Power Type
AT/ATX
Power Supply Voltage
5V + 5% (+12V option for LCD, PC/104)
Power Consumption (Typical)
0.6 A @ 5 V, 0.03 A @ 12 V (3.36 W)
Power Consumption
(Max, test in HCT)
1.2 A @ 5 V, 0.23 A @ 12 V (8.76 W)
Power Management
APM 1.2, ACPI
Battery
Lithium 3 V/196 mAH
Environment
Operational
0 ~ 60° C (32 ~ 140° F) (Operating humidity: 40° C @ 95% RH non-condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4")
Weight
0.64 kg (1.41 lb), weight of total package
Total Height
25.2mm
LAN2
Watchdog
GPIO
H/W Monitor
Monitoring
BIOS flash
Backlight
On/Off
Brightness
SMBus
VxWorks
®
Software APIs:
Utilities:
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - PCM-9375E-J0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9375E-J0A1E ADVANTECH-PCM-9375E-J0A1E Datasheet
356Kb / 2P
   3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
PCM-9375E-J0A1E ADVANTECH-PCM-9375E-J0A1E Datasheet
788Kb / 2P
   AMD Geode??LX800 3.5" SBC, VGA,LVDS/TTL, Dual Ethernet, IDE, CF, PC/104
PCM-9375E-J0A1E ADVANTECH-PCM-9375E-J0A1E Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com