Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9361EG-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9361EG-S6A1E
Description  Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9361EG-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9361EG-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9361EG-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5" Single Board Computers
Features
PCM-9361
Intel® Atom™ N270 3.5" SBC, Dual LVDS,
TTL, VGA, GbE, USB, SATA, PCI-104
ƒ Intel® Atom™ Processor N270+ 945GSE+ ICH7M
ƒ Supports 18-bit TTL/ VGA/ 36-bit LVDS1/ 48-bit LVDS2
ƒ Supports extended temperature to -40 ~ 85° C
ƒ Supports 2 COM ports, 5 USB 2.0, 2 SATA, PCI-104 expansion
ƒ Supports embedded software API and Utilities
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
Intel Atom N270 1.60 GHz
Front Side Bus
533 MHz
Frequency
1.60 GHz
L2 Cache
512 KB
System Chipset
Intel 945GSE+ ICH7M
BIOS
Award 4 Mbit
Memory
Technology
DDR2 400/533 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
Display
Chipset
Intel 945GSE
VRAM
Optimized shared memory architecture up to 224 MB system memory
Graphics Engine
Intel 3.5 Gen integrated graphics engine
LVDS
LVDS1: Supports single channel 18-bit or dual channel 36-bit LVDS
LVDS2: Supports single channel 18/24-bit or dual channel 36/48-bit LVDS (only for PCM-9361EVG)
LVDS2 wide screen supports: EX:1366 x 768 (24-bit), 1440 x 900 (48-bit), 1680 x 1050 (48-bit), 1920 x 1080 (48-bit)
VGA
Supports QXGA Up to 2048 x 1536
TTL LCD
18-bit TTL: Up to 800 x 600
Dual Display
- VGA + LVDS1
- VGA + TTL
- LVDS1+LVDS2 / VGA+LVDS2 (not supported in DOS mode, only for PCM-9361EVG )
Ethernet
Speed
10/100/1000 Mbps (Supports Wake on LAN)
Controller
Realtek 8110SC
Connector
RJ-45 on GbE
Audio
Chipset
Realtek ALC888, High Definition Audio (HD), Line-in, Line out, Mic-in
WatchDog Timer
Output System reset, Programmable counter from 1 ~ 255 minutes/ seconds
Storage
CompactFlash
CompactFlash type I/II (Primary Master IDE Channel)
SATA
2 x SATA (Max. Data Transfer Rate 150 MB/s)
Floppy
1 (shared with LPT)
Rear I/O
Serial
1 (COM1 supports RS-232) (ESD protection for RS-232: Air gap ±15kV, Contact ±8kV)
Ethernet
1 (10/100/1000 Mbps GbE1)
PS/2 KB/Mouse
1
VGA
1
USB
1
Internal I/O
USB
4 x USB 2.0
Serial
1 x COM (ESD protection for RS-232: Air gap ±15kV, Contact ±8kV)
COM2 supports RS-232/422/485 (Supports RS-485 auto flow control)
Parallel(LPT)
1
FDD
1 (shared with LPT)
SMBus
1
GPIO
8-bit GPIO
Expansion
PCI-104 slot
PCI-104 Expansion
Power
Power Type
AT/ATX
Power Supply Voltage
ATX: +5 V ± 5%, +12 V ± 10%
AT: 5V only to boot up (12 V is optional for LCD inverter and add on card)
Power Consumption
1.9 A @ 5 V, 0.07 A @ 12 V (10.34 W)
Power Consumption (Max, test in HCT)
2.38 A @ 5 V, 0.09 A @ 12 V (12.98 W)
Power Management
APM1.2, ACPI3.0, wake on LAN, and modem ring-in functions
Battery
Lithium 3 V / 210 mAH
Environment
Operational
0 ~ 60° C (32 ~ 140° F) (Operating humidity: 40° C @ 95% RH non-condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4")
Weight
0.64 kg (1.41 lb), weight of total package
Total Height
28.2 mm
COM2
PCI-104
Audio
SATA
USB
Power
LVDS1
Inverter
USB
TTL/
LVDS2
COM1
KB/Mouse
GbE
SMBus
VGA
LPT
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
Monitoring
BIOS flash
SMBus CPU Speed System
Throttling
VxWorks
®
Software APIs:
Utilities:
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - PCM-9361EG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9361EG-S6A1E ADVANTECH-PCM-9361EG-S6A1E Datasheet
1Mb / 3P
   3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com