Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-4373F-J0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-4373F-J0A1E
Description  AMD LX800 EPIC SBC with LVDS, TTL, VGA, Dual Ethernet, 6 COM, 2 SATA, PC/104-Plus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-4373F-J0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-4373F-J0A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-4373F-J0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.25"/ EBX/ EPIC Single Board Computers
Features
PCM-4373
AMD LX800 EPIC SBC with LVDS, TTL,
VGA, Dual Ethernet, 6 COM, 2 SATA,
PC/104-Plus
ƒ AMD low power LX800 500 MHz processor
ƒ Total platform power consumption under 8 watts
ƒ Display combination: VGA + 18-bit LVDS, or VGA + 24-bit TTL
ƒ 6 COM ports (4 x RS-232/2 x RS-232/422/485, supports auto flow control)
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
AMD Geode LX800 processor, up to 500 MHz
Frequency
500 MHz
L2 Cache
128 KB
System Chipset
AMD Geode LX800 + AMD Geode CS5536
BIOS
Award 4-Mbit
Memory
Technology
DDR 333/400 MHz
Max. Capacity
1 GB
Socket
1 x 200-pin SODIMM
Display
Chipset
AMD Geode LX800
VRAM
64 MB
Graphics Engine
AMD 2D engine
LVDS
1 x 18-bit LVDS
VGA
1
TTL LCD
1 x 24-bit TTL
Dual Display
VGA + 18-bit LVDS, or VGA + 24-bit TTL
Ethernet
Speed
10/100 Mbps on Ethernet1, Ethernet2
Controller
2 x Realtek RTL8100CL-LF
Connector
RJ-45
Audio
Chipset
AC97, Line-in, Line-out, Mic-in
WatchDog Timer
255-level interval timer, programmable 1 ~ 255 sec, setup by software, jumperless selection, generates system reset
Storage
CompactFlash
CompactFlash type I/II (Primary Master IDE Channel)
SATA
2 (Max. Data Transfer Rate 150 MB/s)
Floppy
1 x FDD (Optional, share with LPT through customized cable)
Rear I/O
Serial
COM1: RS-232/422/485 (Supports Auto flow control)
Ethernet
2
PS/2 KB/Mouse
1
VGA
1
USB
2
Internal I/O
USB
2 x USB 2.0 (2 via USB DOM connector)
Serial
COM3/4/5/6: RS-232, COM5/6 are only for PCM-4373F
COM2: RS-232/422/485 (Supports Auto flow control)
Parallel (LPT)
1
FDD
Share with LPT (Optional)
GPIO
16-bit GPIO
Expansion
PC/104-Plus slot
1
Power
Power Type
AT / ATX
Power Supply Voltage
ATX: 5V±5%, 5Vsb
AT: 5V±5%
(12V optional for LCD inverter and PC/104+)
Power Consumption (Typical)
1.45 A @ 5 V (7.25 W)
Power Consumption
(Max, test in HCT)
1.66 A @ 5 V (8.3 W)
Power Management
APM, ACPI
Battery
Lithium 3 V / 196 mAh
Environment
Operating
0 ~ 60° C (32 ~ 140° F), Operating humidity: 40° C @ 95% RH non-condensing
Non-Operating
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
115 x 165 mm (4.5" x 6.5")
Weight
0.64 kg (1.39 lb), weight of total package
Total Height
27.0mm
ATX/ AT power
TTL
LVDS
VGA
COM1
RS-232/422/485
GPIO
Ethernet1
Ethernet2
2 USB
KB/MS
2 USB
COM2, 3, 4/ LPT
SATA
Audio
PC/104 Plus
COM5, 6
FWH
Watchdog
GPIO
H/W Monitor Brightness
SMBus
Monitoring
BIOS Flash
Software APIs:
Utilities:
Backlight On/Off
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - PCM-4373F-J0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4373F-J0A1E ADVANTECH-PCM-4373F-J0A1E Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
More results

Similar Description - PCM-4373F-J0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-4373 ADVANTECH-PCM-4373 Datasheet
329Kb / 2P
   AMD LX800 EPIC SBC with Dual LAN/LVDS/ TTL/ VGA/ 6 COM/ 2 SATA
PCM-3353 ADVANTECH-PCM-3353_15 Datasheet
738Kb / 2P
   AMD LX800/LX600 PC/104-Plus SBC, VGA,LVDS, TTL, Ethernet, USB, COM, CF
PCM-9375 ADVANTECH-PCM-9375_12 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5" SBC, VGA, LVDS, LCD, Dual Ethernet, IDE, SATA, PC/104
PCM-9375 ADVANTECH-PCM-9375_15 Datasheet
788Kb / 2P
   AMD Geode??LX800 3.5" SBC, VGA,LVDS/TTL, Dual Ethernet, IDE, CF, PC/104
PCM-9588 ADVANTECH-PCM-9588_12 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 M Processor EBX SBC with DVI, TTL, VGA, LVDS, Ethernet, 6 COM, 2 SATA, 6 USB 2.0, PC/104-Plus
PCM-3356 ADVANTECH-PCM-3356 Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
PCM-3356-A2 ADVANTECH-PCM-3356-A2 Datasheet
695Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA,LVDS, LAN, USB, COM, SATA
PCM-3362 ADVANTECH-PCM-3362_15 Datasheet
702Kb / 2P
   Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
PCM-3353 ADVANTECH-PCM-3353 Datasheet
1Mb / 3P
   AMD LX800 PC/104-Plus CPU Module
09-Nov-2009
PCM-9375 ADVANTECH-PCM-9375 Datasheet
356Kb / 2P
   3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com