Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9502 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9502
Description  Precision 2.4mm Female to N Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9502 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9502 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9502 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9502 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
PE9502 REV
Precision 2.4mm Female to N Female Adapter
PE9502
CAD Drawing


Similar Part No. - PE9502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
   Precision Bulkhead N Female to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
   Precision 2.4mm Male to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
   Precision 2.4mm Male to N Female Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
   Precision 2.4mm Female to N Male Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
   Precision 2.4mm Female to N Male Adapter
More results

Similar Description - PE9502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
   Precision 2.4mm Female to 2.4mm Female Adapter
PE9640 PASTERNACK-PE9640 Datasheet
248Kb / 3P
   Precision Bulkhead 2.4mm Female to 2.4mm Female Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
   Precision 2.4mm Female to N Male Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
   Precision 2.4mm Male to N Female Adapter
PE9501 PASTERNACK-PE9501 Datasheet
257Kb / 3P
   Precision 2.4mm Male to N Female Adapter
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
   Precision 2.92mm Female to 2.4mm Female Adapter
PE9503 PASTERNACK-PE9503 Datasheet
254Kb / 2P
   Precision 2.4mm Female to N Male Adapter
PE9656 PASTERNACK-PE9656 Datasheet
238Kb / 2P
   Precision SMA Female to 2.4mm Female Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
   Precision 3.5mm Female to 2.4mm Female Adapter
PE91055 PASTERNACK-PE91055 Datasheet
458Kb / 3P
   Precision 2.4mm Female to SMP Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com