Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-233A Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-233A
Description  SATA to IDE Module for SATA Device
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-233A Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-233A_12 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
General
Chipset
ACARD ARC772N
PATA Connector
44-pin IDE Connector
SATA Connector
7P SATA Connector
Mechanical and
Environmental
Dimensions (L x W)
53 x 25 mm
Weight
30g
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Storage Temperature
-45 ~ 85° C (-40 ~ 185° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Ordering Information
Standard
Part Number
Description
PCM-233C-00A1E
IDE (44-pin) to SATA converter module
PCM-233A
SATA to IDE Module for SATA
Device
PCM-233B
SATA to IDE (44-pin) Converter
Module
PCM-233C
IDE (44-pin) to SATA Converter
Module
Riser Cards
Specifications
General
Chipset
ACARD ARC772N
Power Input
+3.3 V, +5 V, +12 V
PATA Connector
40-pin IDE connector
SATA Connector
7+15P SATA connector
External Power
+5 V, +12 V
Mechanical and Environmental
Dimensions (L x W)
98 x 32 mm (3.8" x 0.9")
Weight
30g
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Storage Temperature
-45 ~ 85° C (-40 ~ 185° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Ordering Information
Standard
Part Number
Description
PCM-233A-00A1E
SATA to IDE module for SATA device
Specifications
General
Chipset
ACARD ARC772N
PATA Connector
44-pin IDE connector
SATA Connector
7+15P SATA connector
Mechanical and Environmental
Dimensions (L x W)
53 x 25 mm (2.1" x 1.0")
Weight
30g
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Storage Temperature
-45 ~ 85° C (-40 ~ 185° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Ordering Information
Standard
Part Number
Description
PCM-233B-00A1E
SATA to IDE (44-pin) converter module
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - PCM-233A_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-233A-00A1E ADVANTECH-PCM-233A-00A1E Datasheet
268Kb / 1P
   Riser Cards
More results

Similar Description - PCM-233A_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
PCM-233C ADVANTECH-PCM-233C_12 Datasheet
1Mb / 1P
   IDE (44-pin) to SATA Converter Module
logo
Silicon image
SII4726 SILICONIMAGE-SII4726 Datasheet
204Kb / 2P
   SATA to 5-Port SATA Device SteelVine??Storage Processor
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
Axiomtek Co., Ltd.
NA-810A AXIOMTEK-NA-810A Datasheet
252Kb / 1P
   Supports one 2.5 IDE or SATA HDD
logo
Apacer Technology Inc.
SDM5A-22P90D APACER-SDM5A-22P90D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module) series
logo
List of Unclassifed Man...
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com