Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINT1175 Datasheet(PDF) 4 Page - SL Power Electronics

Part # MINT1175
Description  175W Single Output Medical Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1175 Datasheet(HTML) 4 Page - SL Power Electronics

  MINT1175 Datasheet HTML 1Page - SL Power Electronics MINT1175 Datasheet HTML 2Page - SL Power Electronics MINT1175 Datasheet HTML 3Page - SL Power Electronics MINT1175 Datasheet HTML 4Page - SL Power Electronics MINT1175 Datasheet HTML 5Page - SL Power Electronics MINT1175 Datasheet HTML 6Page - SL Power Electronics MINT1175 Datasheet HTML 7Page - SL Power Electronics MINT1175 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
J300–
Pin 1
Connector Information
Input Connector
J100
Ground
J101
DC Output Connector
J300
Fan Output Connector
J500
Signal Connector
J600
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.187” FASTON TAB
PIN 1) +Vout PIN 4) -Vout
PIN 2) +Vout PIN 5) -Vout
PIN 3) +Vout PIN 6) -Vout
PIN 1) +12Vfan
PIN 2) RTN
PIN 1) Inhibit
PIN 2) PF/DC OK
PIN 3, 4) Common
Mating Connector:
Molex 09-50-3031
Pins= 08-52-0072
Mating Connector:
Molex 01-90020009
Mating Connector:
AMP 640250-6
Pins = 640252-1
Mating Connector:
Molex 1375820-2
Pins = 1375819
Mating Connector:
Molex 1375820-4
Pins = 1375819
Fan Output – J500
J500 provides a 12V@0.4mA output to support a system cooling fan. The fan output is always available when AC input is
present, so it also can be used for a 12V standby output is so desired.
AC Power Failure/DC OK and Inhibit Signals – J600
Timing Sequence
J300–Pin 1


Similar Part No. - MINT1175

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1175A1206K01 SLPOWER-MINT1175A1206K01 Datasheet
1Mb / 8P
   the highest power density for a power supply
MINT1175A1506K01 SLPOWER-MINT1175A1506K01 Datasheet
1Mb / 8P
   the highest power density for a power supply
MINT1175A2406K01 SLPOWER-MINT1175A2406K01 Datasheet
1Mb / 8P
   the highest power density for a power supply
MINT1175A4806K01 SLPOWER-MINT1175A4806K01 Datasheet
1Mb / 8P
   the highest power density for a power supply
MINT1175A5606K01 SLPOWER-MINT1175A5606K01 Datasheet
1Mb / 8P
   the highest power density for a power supply
More results

Similar Description - MINT1175

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175 SLPOWER-CINT1175_15 Datasheet
1Mb / 8P
   175W Single Output Industrial Series
CINT1175A SLPOWER-CINT1175A Datasheet
1Mb / 8P
   175W Single Output Industrial Series
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
   65W Single Output Medical Series
MINT1180 SLPOWER-MINT1180 Datasheet
384Kb / 3P
   180W SINGLE OUTPUT MEDICAL SERIES
MINT1275 SLPOWER-MINT1275 Datasheet
1Mb / 9P
   275W Single Output Medical Series
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
logo
Emerson Network Power
NLP250MEDICAL_0910 EMERSON-NETWORKPOWER-NLP250MEDICAL_0910 Datasheet
577Kb / 4P
   Single Output Medical safeties
logo
SL Power Electronics
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com