Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

677-521-04-50 Datasheet(PDF) 3 Page - Marl International Limited

Part # 677-521-04-50
Description  EMC version with internal stainless steel mesh 횠8.1mm mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-521-04-50 Datasheet(HTML) 3 Page - Marl International Limited

  677-521-04-50 Datasheet HTML 1Page - Marl International Limited 677-521-04-50 Datasheet HTML 2Page - Marl International Limited 677-521-04-50 Datasheet HTML 3Page - Marl International Limited 677-521-04-50 Datasheet HTML 4Page - Marl International Limited 677-521-04-50 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
677 EMC series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph U
10
20
30
40
50
8.5
also available
Part numbers also available in the 677 series:
Part
Number
Colour
Voltage
Vopr
677-501-00-50
Red
-
677-501-04
Red
20 mA dc
677-501-04-51
Red
20 mA dc
677-501-20
Red
5/6 Vdc
677-501-20-53
Red
5/6 Vdc
677-501-21
Red
12 Vdc
677-501-21-15
Red
12 Vdc
677-501-21-19
Red
12 Vdc
677-501-22
Red
24 Vdc
677-501-23
Red
28 Vdc
677-501-23-15
Red
28 Vdc
677-501-23-19
Red
28 Vdc
677-501-24
Red
48 Vdc
677-501-46
Red
35 Vdc
677-501-48-50
Red
60 Vdc
677-501-75-15
Red
110 Vac 50 Hz
Part
Number
Colour
Voltage
Vopr
677-501-75-50
Red
110 Vac 50 Hz
677-501-76-50
Red
230 Vac 50 Hz
677-501-86
Red
115 Vac 60 Hz
677-501-86-15
Red
115 Vac 60 Hz
677-503-23
Red
28 Vdc
677-506-21
Orange
12 Vdc
677-512-04
Green
20 mA dc
677-512-23
Green
28 Vdc
677-521-04
Yellow
20 mA dc
677-521-04-50
Yellow
20 mA dc
677-521-20
Yellow
5/6 Vdc
677-521-21
Yellow
12 Vdc
677-521-21-15
Yellow
12 Vdc
677-521-21-19
Yellow
12 Vdc
677-521-22
Yellow
24 Vdc
677-521-22-50
Yellow
24 Vdc
Part
Number
Colour
Voltage
Vopr
677-521-23
Yellow
28 Vdc
677-521-23-15
Yellow
28 Vdc
677-521-23-19
Yellow
28 Vdc
677-521-24
Yellow
48 Vdc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 677 EMC - version 2012-12-06-114032
page 3 of 5


Similar Part No. - 677-521-04-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677-521-04 MARL-677-521-04 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 677-521-04-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
524 MARL-524 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust stainless steel housing
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
logo
GardTec, Inc.
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-60M GARDTEC-AFM-60M Datasheet
358Kb / 1P
   Frame-0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-92M GARDTEC-AFM-92M Datasheet
367Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
   횠6.1mm mounting Robust stainless steel housing
logo
GardTec, Inc.
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162M GARDTEC-AFM-162M Datasheet
377Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com