Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30D40BCT Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT30D40BCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30D40BCT Datasheet(HTML) 3 Page - Advanced Power Technology

  APT30D40BCT Datasheet HTML 1Page - Advanced Power Technology APT30D40BCT Datasheet HTML 2Page - Advanced Power Technology APT30D40BCT Datasheet HTML 3Page - Advanced Power Technology APT30D40BCT Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VF, ANODE-TO-CATHODE VOLTAGE (VOLTS)
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
Figure 2, Forward Voltage Drop vs Forward Current
Figure 3, Reverse Recovery Charge vs Current Slew Rate
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
TJ, JUNCTION TEMPERATURE (°C)
Figure 4, Reverse Recovery Current vs Current Slew Rate
Figure 5, Dynamic Parameters vs Junction Temperature
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
Figure 6, Reverse Recovery Time vs Current Slew Rate
Figure 7, Forward Recovery Voltage/Time vs Current Slew Rate
VR, REVERSE VOLTAGE (VOLTS)
Figure 8, Junction Capacitance vs Reverse Voltage
0
0.4
0.8
1.2
1.6
2.0
10
50
100
500
1000
0
200
400
600
800
1000
-50
-25
0
25
50
75
100 125
150
0
200
400
600
800
1000
0
200
400
600
800
1000
0.01
0.05
0.1
0.5
1
5
10
50
100
200
APT30D40BCT
TJ = 100°C
VR = 240V
TJ = 100°C
VR = 240V
TJ = 100°C
VR = 240V
TJ = 100°C
VR = 240V
IF = 30A
16
12
8
4
0
100
80
60
40
20
0
50
40
30
20
10
0
100
90
80
70
60
50
1000
500
100
50
10
30A
1600
1200
800
400
0
2.0
1.6
1.2
0.8
0.4
0.0
800
600
400
200
0
15A
60A
15A
30A
60A
TJ = 100°C
TJ = 150°C
TJ = 25°C
TJ = -55°C
30A
15A
60A
Vfr
tfr
Qrr
Qrr
trr
trr
IRRM


Similar Part No. - APT30D40BCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30D40BCT ADPOW-APT30D40BCT Datasheet
124Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30D40BCT THINKISEMI-APT30D40BCT Datasheet
3Mb / 5P
   2*30A/400V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
APT30D40BCT ISC-APT30D40BCT Datasheet
276Kb / 2P
   Ultrafast Rectifier
logo
Advanced Power Technolo...
APT30D40BCTG ADPOW-APT30D40BCTG Datasheet
124Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30D40BCTG THINKISEMI-APT30D40BCTG Datasheet
3Mb / 5P
   2*30A/400V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
More results

Similar Description - APT30D40BCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30D20BCA ADPOW-APT30D20BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BHB ADPOW-APT30D60BHB Datasheet
49Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BCA ADPOW-APT30D60BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D40LCT ADPOW-APT60D40LCT Datasheet
27Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D100BCA ADPOW-APT30D100BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D20HCT ADPOW-APT30D20HCT Datasheet
24Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D100BHB ADPOW-APT15D100BHB Datasheet
58Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D60BCA ADPOW-APT15D60BCA Datasheet
34Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D100LCT ADPOW-APT60D100LCT Datasheet
62Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com