Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

699-501-75 Datasheet(PDF) 4 Page - Marl International Limited

Part # 699-501-75
Description  횠12.7mm mounting Product will operate over a wide input voltage range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

699-501-75 Datasheet(HTML) 4 Page - Marl International Limited

  699-501-75 Datasheet HTML 1Page - Marl International Limited 699-501-75 Datasheet HTML 2Page - Marl International Limited 699-501-75 Datasheet HTML 3Page - Marl International Limited 699-501-75 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
design considerations
to order
to order
Electro-Static Discharge (ESD)
Build up of electro-static discharge occurs in many situations involving people moving and handling products. The range of
possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual
situations. When an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood
that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and
assembly of these products. Although LEDs were never considered to be static sensitive devices, changes in manufacturing
technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have
changed this. Marl has an approved system of ESD control from goods in, through production and into final packing and
despatch. Marl recommend all users of LED based products follow the guidelines of BS 100015.
Power De-Rating
The forward voltage/ current value of an LED is dependant upon the ambient temperature of the environment in which it is
operated. Therefore, care must be taken to operate the LED at the correct voltage/ current values, depending upon the
ambient temperature. Consequently, a recommendation regarding operating voltages and currents is given in order to address
these temperature effects. This recommendation is termed ‘de-rating’. It is usual for forward voltages and currents to be
specified for ambient temperature of 25°C. However, because the values of these qualities vary with temperature, please refer
to the de-rating graphs for correct operation. Marl accept no liability for any product that is operated higher than the stated
voltage.
BS EN ISO 9001:2008
approved manufacturer
699 series
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 699 - version 2012-12-06-114114
page 4 of 4


Similar Part No. - 699-501-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
699-501-75 MARL-699-501-75 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-75 MARL-699-501-75 Datasheet
359Kb / 4P
   high performance panel lamps
699-501-75 MARL-699-501-75 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
699-501-75_1312 MARL-699-501-75_1312 Datasheet
359Kb / 4P
   high performance panel lamps
More results

Similar Description - 699-501-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
538 MARL-538 Datasheet
395Kb / 5P
   횠12.7mm mounting Product will operate over a wide input voltage range
652 MARL-652 Datasheet
406Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532 MARL-532 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
537 MARL-537 Datasheet
316Kb / 5P
   횠8.1mm mounting Product will operate over a wide input voltage range
698 MARL-698 Datasheet
356Kb / 4P
   횠8.1mm mounting Product will operate over a wide input voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   Product will operate over a wide input voltage range
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   Product will operate over a wide input voltage range
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
   Product will operate over a wide voltage range
532-102-63_1307 MARL-532-102-63_1307 Datasheet
256Kb / 4P
   Product will operate over a wide voltage range
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com