Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

696-325-21 Datasheet(PDF) 2 Page - Marl International Limited

Part # 696-325-21
Description  횠6.1mm mounting Black anodised aluminium housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

696-325-21 Datasheet(HTML) 2 Page - Marl International Limited

  696-325-21 Datasheet HTML 1Page - Marl International Limited 696-325-21 Datasheet HTML 2Page - Marl International Limited 696-325-21 Datasheet HTML 3Page - Marl International Limited 696-325-21 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
Mounting hole to be clean and burr free
* = Current Version
^ = Voltage Version
BS EN ISO 9001:2008
approved manufacturer
696 series
45°
*
24
10
Panel Seal
Sealing Ring
* Min/max panel thickness is 3mm / 6.5mm.
Panel and Mounting Hole
Anode termination denoted by red indicator
housing material
Body
Nut
Panel Seal
Fresnel Lens
Encapsulation
Lock Washer
push on connectors
Header
Header
Header
Termination
909-000-00 is gold plated, 910-000-00 is
tin plated - for use with 696 series lamps.
Dimensions in mm (typical). Not to scale.
Black Anodised Aluminium
Black Anodised Aluminium
Black Anodised Aluminium
Polycarbonate
PC5430 Resin
Stainless Steel
Tin Plated Phosphor Bronze
-
696
500
1000^
6.1
0.65
15.0
3.0 - 6.5
optional flying lead terminations
Order Code
Suffix
Supply
Voltage
Wire
Colour
Wire
Length
No/Diameter
of Conductor
Diameter
Insulation
Comments
19
DC products
Red-anode/ Black-cathode
1000mm
Customised
lengths
available
19/0.15mm
1.2mm
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 696 - version 2012-12-06-114100
page 2 of 4


Similar Part No. - 696-325-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
696-325-21 MARL-696-325-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
696-325-21 MARL-696-325-21 Datasheet
415Kb / 4P
   high performance panel lamps
696-325-21 MARL-696-325-21 Datasheet
267Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 696-325-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671 MARL-671 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
684 MARL-684 Datasheet
415Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
651 MARL-651 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
672 MARL-672 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
678 MARL-678 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
692 MARL-692 Datasheet
417Kb / 4P
   횠12.7mm mounting Black anodised aluminium housing
610 MARL-610 Datasheet
411Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
672-290-22_1310 MARL-672-290-22_1310 Datasheet
526Kb / 4P
   Black anodised aluminium housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com