Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

611-996-22 Datasheet(PDF) 1 Page - Marl International Limited

Part # 611-996-22
Description  횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

611-996-22 Datasheet(HTML) 1 Page - Marl International Limited

  611-996-22 Datasheet HTML 1Page - Marl International Limited 611-996-22 Datasheet HTML 2Page - Marl International Limited 611-996-22 Datasheet HTML 3Page - Marl International Limited 611-996-22 Datasheet HTML 4Page - Marl International Limited 611-996-22 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
611 series
• Ø6.35mm mounting
• Black anodised aluminium housing, sealed to IP67
• Internal reverse protection diode fitted as standard in all
voltage models
• Colour diffused lens
• Flying lead terminations available
• Ideal for high vibration applications
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
611-301-21
Red
12 Vdc
20
900
660
-40 - +85
-40 - +85
A
611-325-21
Yellow
12 Vdc
20
3500
590
-40 - +100
-40 - +120
Y
611-324-21
Green
12 Vdc
20
36000
523
-30 - +85
-40 - +100
R
611-934-21
Blue
12 Vdc
20
7485
468
-30 - +85
-40 - +100
R
611-998-21
White
12 Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
611-301-23
Red
28 Vdc
20
900
660
-40 - +85
-40 - +85
A
611-325-23
Yellow
28 Vdc
20
3500
590
-40 - +100
-40 - +120
Y
611-324-23
Green
28 Vdc
20
36000
523
-30 - +85
-40 - +100
R
611-934-23
Blue
28 Vdc
20
7485
468
-30 - +85
-40 - +100
R
611-998-23
White
28 Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
998
*Typical emission colour White
x
0.287
0.283
0.330
0.330
y
0.295
0.305
0.360
0.339
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 611 - version 2012-12-06-113911
page 1 of 5


Similar Part No. - 611-996-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
611-998-21 MARL-611-998-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-998-21 MARL-611-998-21 Datasheet
450Kb / 5P
   high performance panel lamps
611-998-23 MARL-611-998-23 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
611-998-23 MARL-611-998-23 Datasheet
450Kb / 5P
   high performance panel lamps
More results

Similar Description - 611-996-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
612 MARL-612 Datasheet
451Kb / 5P
   횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
684 MARL-684 Datasheet
415Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
610 MARL-610 Datasheet
411Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
611-301-21_1309 MARL-611-301-21_1309 Datasheet
450Kb / 5P
   Black anodised aluminium housing, sealed to IP67
612-301-21_1309 MARL-612-301-21_1309 Datasheet
451Kb / 5P
   Black anodised aluminium housing, sealed to IP67
671 MARL-671 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
651 MARL-651 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
672 MARL-672 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com