Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLH00RXX4 Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KLH00RXX4
Description  Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KLH00RXX4 Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KLH00RXX4 Datasheet HTML 1Page - COSMO  Electronics Corporation KLH00RXX4 Datasheet HTML 2Page - COSMO  Electronics Corporation KLH00RXX4 Datasheet HTML 3Page - COSMO  Electronics Corporation KLH00RXX4 Datasheet HTML 4Page - COSMO  Electronics Corporation KLH00RXX4 Datasheet HTML 5Page - COSMO  Electronics Corporation KLH00RXX4 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 03/08/2005
NO. 61L70015
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLH00RXX4
SHEET 4 OF 6
REV.
1
8. Forward Current Characteristics
l
Forward current vs. relative luminous flux (Ta=25
oC)
Forward Current vs. Relative Luminous Flux
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000
Forward Current IF (mA)
l Forward voltage vs. forward current (4 LEDs/PCB, Ta=25 oC)
Forward Voltage vs. Forward Current [4 chip]
1
10
100
1000
10000
4.5
5.0
5.5
6.0
6.5
7.0
7.5
Forward Voltage VF (V)
6
7
8
9
10
11
12


Similar Part No. - KLH00RXX4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLH00RXX3 COSMO-KLH00RXX3 Datasheet
77Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results

Similar Description - KLH00RXX4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLH00AXX3 COSMO-KLH00AXX3 Datasheet
76Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BGA3 COSMO-KLH00BGA3 Datasheet
112Kb / 7P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00GXX4 COSMO-KLH00GXX4 Datasheet
97Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLE06WXX4 COSMO-KLE06WXX4 Datasheet
99Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00WXX4 COSMO-KLH00WXX4 Datasheet
92Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH06RGB3 COSMO-KLH06RGB3 Datasheet
134Kb / 7P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS06WXX4 COSMO-KLS06WXX4 Datasheet
173Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BXX3 COSMO-KLH00BXX3 Datasheet
77Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BXX4 COSMO-KLH00BXX4 Datasheet
94Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS00WWX1 COSMO-KLS00WWX1 Datasheet
157Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com