Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLH00RGB3 Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KLH00RGB3
Description  Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KLH00RGB3 Datasheet(HTML) 6 Page - COSMO Electronics Corporation

  KLH00RGB3 Datasheet HTML 1Page - COSMO  Electronics Corporation KLH00RGB3 Datasheet HTML 2Page - COSMO  Electronics Corporation KLH00RGB3 Datasheet HTML 3Page - COSMO  Electronics Corporation KLH00RGB3 Datasheet HTML 4Page - COSMO  Electronics Corporation KLH00RGB3 Datasheet HTML 5Page - COSMO  Electronics Corporation KLH00RGB3 Datasheet HTML 6Page - COSMO  Electronics Corporation KLH00RGB3 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT
SPECIFICATION
DATE: 03/08/2005
NO. 61L70019
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLH00RGB3
SHEET 6 OF 7
REV.
1
l Forward voltage vs. ambient temperature (I
F=350mA)
Ambient Temperature vs. Forward Voltage
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta[
oC]
G
B/W
R
9. Spatial Radiation Pattern
l
White


Similar Part No. - KLH00RGB3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLH00RXX3 COSMO-KLH00RXX3 Datasheet
77Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00RXX4 COSMO-KLH00RXX4 Datasheet
98Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results

Similar Description - KLH00RGB3

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLH00AXX3 COSMO-KLH00AXX3 Datasheet
76Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BGA3 COSMO-KLH00BGA3 Datasheet
112Kb / 7P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00GXX4 COSMO-KLH00GXX4 Datasheet
97Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLE06WXX4 COSMO-KLE06WXX4 Datasheet
99Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00WXX4 COSMO-KLH00WXX4 Datasheet
92Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH06RGB3 COSMO-KLH06RGB3 Datasheet
134Kb / 7P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS06WXX4 COSMO-KLS06WXX4 Datasheet
173Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BXX3 COSMO-KLH00BXX3 Datasheet
77Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BXX4 COSMO-KLH00BXX4 Datasheet
94Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00RXX4 COSMO-KLH00RXX4 Datasheet
98Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS00WWX1 COSMO-KLS00WWX1 Datasheet
157Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com