Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIO-2262N-S6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # MIO-2262N-S6A1E
Description  Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-2262N-S6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  MIO-2262N-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. MIO-2262N-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
MIO-2262
Packing List
Part No.
Description
Quantity
MIO-2262 SBC
Startup Manual
1700006291
M Cable SATA 7P/SATA 7P 30cm C=R 180/90
1
9666226200E
Screw and stud pack (2 screw for Mini PCIe,
4 M3 studs and screws for heatsink)
1
1960055792T001
Heatsink (99.5 x 70.5 x 15.7 mm)
1
Bottom side view
Ordering Information
Part No.
CPU
L2 Cache Memory LVDS
VGA DP/
HDMI GbE
HD
Audio USB2.0 RS-232 SATAII PCIe x1 Mini PCIe*
Thermal
Solution
Operational
Temp.
MIO-2262N-S6A1E
Intel Atom
N2600 1.6G
1MB L2
SO-SIMM 18/24-bit
Yes
Yes
1
Yes
7
2
1
2
Full-size
Passive
0 ~ 60° C
MIO-2262N-S8A1E
Intel Atom
N2800 1.86G 1MB L2
SO-SIMM 18/24-bit
Yes
Yes
1
Yes
7
2
1
2
Full-size
Passive
0 ~ 60° C
* Full-size Mini PCIe supports mSATA
Note: Passive = fanless; Active = with fan
Optional Accessories
Part No.
Description
1960055791T001
MIO-2261 Heat spreader (99.5 x 70.5 x 15.7mm)
MIOE-DB2000-00A1E
MIO-2262 Evaluation Board
Embedded OS/API
Embedded OS/API
Description
2070011765
WES7E 32bits EN/DE/JP/TC
2070011766
WES7P 32bits EN/TC/SC/RU/FR/DE/ES/IT/JP/KR
WinCE 7.0
CE 7.0
Win XPE
WES 2009
Linux
Ubuntu 12.04
Software API
SUSI V3.0
64P connector A
64P connector B
mSATA
or Mini PCIe
MIOe
SATA
DDR3 1067
SO-DIMM up to 4GB
Intel Atom
CedarviewM
N2600 (1.6 GHz)
N2800(1.86 GHz)
22 x 22 mm
SMSC SCH3114
Intel NM10
17 x 17 mm
Single Channel
18/24-bit LVDS
PCIe x 1
GbE w/ LED
VGA
DP or HDMI
HDMI supported by request
2 x USB 2.0
SMBUS
USB 2.0x3
HD Audio Line-out
2 PCIex1
LPC
SPI
PCIe x 1
SATAII 300MB/s
USB
SMbus
2 x USB 2.0
I2C
8-bit GPIO
2 x RS-232
18/24-bit LVDS
Intel
82583V GbE
16Mbit BIOS
SATA 300MB/s
SATAII
Watchdog Timer
Full-size
Mini PCIe
HD Audio
Line in/out
ALC-892


Similar Part No. - MIO-2262N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2262N-S6A1E ADVANTECH-MIO-2262N-S6A1E Datasheet
924Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA,1 GbE, Full-size Mini PCIe, 4 USB,2 COM, SMBus, I2C, mSATA & MIOe
MIO-2262N-S6A1E ADVANTECH-MIO-2262N-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
More results

Similar Description - MIO-2262N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2262 ADVANTECH-MIO-2262_15 Datasheet
924Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA,1 GbE, Full-size Mini PCIe, 4 USB,2 COM, SMBus, I2C, mSATA & MIOe
MIO-2262Z-2GS6A1E ADVANTECH-MIO-2262Z-2GS6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261 ADVANTECH-MIO-2261 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261_1301 ADVANTECH-MIO-2261_1301 Datasheet
806Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
865Kb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260 ADVANTECH-MIO-2260 Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2261 ADVANTECH-MIO-2261_15 Datasheet
818Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3,18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe,4 USB, 2 COM, SMBus/I2C, mSATA & MIOe
PCM-9363 ADVANTECH-PCM-9363_14 Datasheet
885Kb / 2P
   Intel Atom N455/D525 3.5" SBC, DDR3, 18/24-bit LVDS, VGA/HDMI, 2 GbE, Mini PCIe, CF
MIO-3260 ADVANTECH-MIO-3260 Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA,DP/HDMI, 1 GbE, Full-size Mini PCIe,4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-3260L-S8A1E ADVANTECH-MIO-3260L-S8A1E Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA, DP/HDMI, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com