Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30D100BHB Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT30D100BHB
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30D100BHB Datasheet(HTML) 1 Page - Advanced Power Technology

  APT30D100BHB Datasheet HTML 1Page - Advanced Power Technology APT30D100BHB Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
APT30D100BHB 1000V 2x30A
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 65°C, Duty Cycle = 0.5)
RMS Forward Current
Non-Repetitive Forward Surge Current (T
J
= 45°C, 8.3ms)
Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F
(AV)
I
F
(RMS)
I
FSM
T
J
,T
STG
T
L
Symbol
V
F
I
RM
C
T
L
S
Characteristic / Test Conditions
I
F
= 30A
Maximum Forward Voltage
I
F
= 60A
I
F
= 30A, T
J
= 150°C
Maximum Reverse Leakage Current
V
R
= V
R
Rated
V
R
= V
R
Rated, T
J
= 125°C
Junction Capacitance, V
R
= 200V
Series Inductance (Lead to Lead 5mm from Base)
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Volts
Amps
°C
UNIT
Volts
µA
pF
nH
MIN
TYP
MAX
2.3
2.1
1.9
250
500
30
10
APT30D100BHB
1000
30
70
210
-55 to 150
300
PRODUCT BENEFITS
Low Losses
Low Noise Switching
Cooler Operation
Higher Reliability Systems
Increased System Power
Density
MAXIMUM RATINGS
All Ratings Are Per Leg: TC = 25°C unless otherwise specified.
PRODUCT FEATURES
Ultrafast Recovery Times
Soft Recovery Characteristics
Popular TO-247 Package
Low Forward Voltage
High Blocking Voltage
Low Leakage Current
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT Website - http://www.advancedpower.com
USA
405 S.W. Columbia Street
Bend, Oregon 97702 -1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Chemin de Magret
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
1
3
2
1 - Cathode 1
2 - Anode 1
Cathode 2
3 - Anode 2
TO-247
1
2
3
PRODUCT APPLICATIONS
Output Rectifiers for Switchmode
Power Supply


Similar Part No. - APT30D100BHB

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30D100BHB ADPOW-APT30D100BHB Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30D100BHB THINKISEMI-APT30D100BHB Datasheet
2Mb / 5P
   2*18A/1000V Heatsink Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
logo
Advanced Power Technolo...
APT30D100BHBG ADPOW-APT30D100BHBG Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30D100BHBG THINKISEMI-APT30D100BHBG Datasheet
2Mb / 5P
   2*18A/1000V Heatsink Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
logo
Advanced Power Technolo...
APT30D100BHB ADPOW-APT30D100BHB_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT30D100BHB

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30D20BCA ADPOW-APT30D20BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BHB ADPOW-APT30D60BHB Datasheet
49Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BCA ADPOW-APT30D60BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D40LCT ADPOW-APT60D40LCT Datasheet
27Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D100BCA ADPOW-APT30D100BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D20HCT ADPOW-APT30D20HCT Datasheet
24Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D40BCT ADPOW-APT30D40BCT Datasheet
59Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D100BHB ADPOW-APT15D100BHB Datasheet
58Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT15D60BCA ADPOW-APT15D60BCA Datasheet
34Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT60D100LCT ADPOW-APT60D100LCT Datasheet
62Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com