Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MENT1150A1251F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MENT1150A1251F01
Description  Universal Input 150 Watt Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENT1150A1251F01 Datasheet(HTML) 1 Page - SL Power Electronics

  MENT1150A1251F01 Datasheet HTML 1Page - SL Power Electronics MENT1150A1251F01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________ 1 of 2
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
RoHS
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240Vac, +/-10%, 47-63 Hz, 1∅
MTBF
> 100K hours (calculated, 25 C at full load)
Input Current
115VAC: 3A, 230VAC: 1.5A
Hold-up Time
20 ms min. @ 115VAC
Inrush Current
75A peak @ 264Vac, cold start
Overvoltage Protection
130% of nominal output voltage
Input Fuse
4.0A, 250V Internal Primary Current Fuse provided
Overload Protection
120-180% of full rated load, auto-recovery
Efficiency
Meets International Efficiency Level V
Short Circuit Protection
Provided with no damage to supply
Output Voltage
See chart
Overtemperature Protection
Latched, requires input recycling
Output Power
See chart
Input Harmonics
Meets IEC61000-3-2
Ripple and Noise
1% pk-pk max., 20MHz BW
Safety Standards
IEC/EN/UL60601-1 & EN/IEC/UL60950-1 2
nd edition
Line/Load Regulation
Including Cord: Line: +/- 1%, Load: +/-5%
Switching Frequency
40kHz to130kHz , variable
Transient Response
Maximum deviation of 5% with 25% to
75% load change and 0.2A/uSec slew rate
Isolation
Input-Output: 4000VAC,
Input-GND: 1500VAC, Output-GND: 700VDC
Minimum Load
Not required
Operating Temperature
0° to 40°C Full load Derate linearly to
40% of full rated load at 70°C
Case Material
Black 94V0 Polycarbonate
Temperature Coefficient
0.04% per °C, maximum
Case Dimensions
see mechanical drawing
Storage Temperature
-40°C to +85°C
Altitude
-500 to 10,000 ft, operating; -500 to 40,000 ft, non-operating
Relative Humidity
5% to 95%, non-condensing
EMI/EMC Compliance
Conducted Emissions
FCC Part 15 Subpart B, Class B, EN55011 Class B, EN55024
Radiated Emissions
FCC Part 15 Subpart B, Class B, EN55011 Class B, EN55024
Voltage Fluctuations
EN61000-3-3 Complies (dmax<6%)
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge. Criteria A
Radiated RF Immunity
EN61000-4-3, 3V/m. Criteria A
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz. Criteria A
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode, Criteria A
Conducted RF Immunity
EN61000-4-6, 3Vrms, Criteria A
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m, Criteria A
Voltage Dip Immunity
EN61000-4-11, 0 % Vnominal, 0.5 cycle; 40% Vnominal, 5 cycles;
70% Vnominal, 25 cycles: Criteria A
Line Frequency Harmonics
EN61000-3-2, Class A, B, C & D
MENT1150
Universal Input 150 Watt Series
100-240VAC Universal Input
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Desktop Style with LED Power-On indicator
12V to 48V Single Output Models, up to 150W
Modified and Custom Designs Available
Regulated Output with Low Ripple
Impact-Resistant Polycarbonate Enclosure
No Load Power Consumption <0.5W
Meets UL/EN/IEC60601-1 & 60950-1 2
nd edition
Medical / ITE Switch-Mode Power Supply
3 Year Warranty


Similar Part No. - MENT1150A1251F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENT1150A1251F01 SLPOWER-MENT1150A1251F01 Datasheet
259Kb / 2P
   Medical / ITE Switch-Mode Power Supply
More results

Similar Description - MENT1150A1251F01

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSF149-401 PHIHONG-PSF149-401 Datasheet
395Kb / 2P
   150 Watt Universal Industrial Series
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
logo
Phihong USA Inc.
PSS-22U-033 PHIHONG-PSS-22U-033 Datasheet
130Kb / 2P
   24 Watt Universal Input Medical Adapter Series
logo
TRACO Electronic AG
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
   TFI 150 Series, 150 Watt
Rev. July 7, 2021
logo
Phihong USA Inc.
PSA05E-033 PHIHONG-PSA05E-033 Datasheet
107Kb / 2P
   5 Watt - Universal Input - European Plug
PSA05A-033 PHIHONG-PSA05A-033 Datasheet
147Kb / 2P
   5 Watt - Two Wire Universal Input
PSA24A-120 PHIHONG-PSA24A-120 Datasheet
76Kb / 2P
   24 WATT - TWO WIRE UNIVERSAL INPUT
logo
Volgen Kaga Electronics...
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
   65 Watt Universal Input, Desktop Adapter
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
   50 Watt Universal Input, Desktop Adapter
KTPS65-2427DT-3P VOLGEN-KTPS65-2427DT-3P Datasheet
113Kb / 2P
   65 Watt Universal Input, Desktop Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com