Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

528-532-23-15 Datasheet(PDF) 3 Page - Marl International Limited

Part # 528-532-23-15
Description  횠13.0mm mounting Robust stainless steel housing, sealed to IP67
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

528-532-23-15 Datasheet(HTML) 3 Page - Marl International Limited

  528-532-23-15 Datasheet HTML 1Page - Marl International Limited 528-532-23-15 Datasheet HTML 2Page - Marl International Limited 528-532-23-15 Datasheet HTML 3Page - Marl International Limited 528-532-23-15 Datasheet HTML 4Page - Marl International Limited 528-532-23-15 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
to order
de-rating information
BS EN ISO 9001:2008
approved manufacturer
528 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
also available
Part numbers also available in the 528 series:
Part
Number
Colour
Voltage
Vopr
528-501-22
Red
24 Vdc
528-501-23-15
Red
28 Vdc
528-501-24-19
Red
48 Vdc
528-501-72
Red
24 Vac 50 Hz
528-501-75
Red
110 Vac 50 Hz
528-501-76
Red
230 Vac 50 Hz
528-501-76-15
Red
230 Vac 50 Hz
528-501-86
Red
115 Vac 60 Hz
528-521-22
Yellow
24 Vdc
528-521-22-15
Yellow
24 Vdc
528-521-22-50
Yellow
24 Vdc
528-521-23-15
Yellow
28 Vdc
528-521-23-50
Yellow
28 Vdc
528-521-46-50
Yellow
35 Vdc
528-521-72
Yellow
24 Vac 50 Hz
528-521-75
Yellow
110 Vac 50 Hz
528-521-76
Yellow
230 Vac 50 Hz
528-532-20
Green
5/6 Vdc
528-532-20-19
Green
5/6 Vdc
528-532-22
Green
24 Vdc
528-532-22-15
Green
24 Vdc
528-532-22-50
Green
24 Vdc
528-532-23-15
Green
28 Vdc
528-532-24
Green
48 Vdc
528-532-24-19
Green
48 Vdc
528-532-72
Green
24 Vac 50 Hz
528-532-74
Green
48 Vac 50 Hz
528-532-75
Green
110 Vac 50 Hz
528-532-76
Green
230 Vac 50 Hz
Part
Number
Colour
Voltage
Vopr
528-532-76-19
Green
230 Vac 50 Hz
528-532-78
Green
100 Vac 50 Hz
528-532-86
Green
115 Vac 60 Hz
528-532-86-19
Green
115 Vac 60 Hz
528-930-04-50
Blue
20 mA dc
528-930-04-51
Blue
20 mA dc
528-930-22
Blue
24 Vdc
528-930-72
Blue
24 Vac 50 Hz
528-930-75
Blue
110 Vac 50 Hz
528-930-76
Blue
230 Vac 50 Hz
528-997-21-50
White
12 Vdc
528-997-22
White
24 Vdc
528-997-24
White
48 Vdc
528-997-75
White
110 Vac 50 Hz
528-997-76
White
230 Vac 50 Hz
528-997-76-19
White
230 Vac 50 Hz
The products listed here illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 528 - version 2012-12-06-113813
page 3 of 5


Similar Part No. - 528-532-23-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-532-23 MARL-528-532-23 Datasheet
272Kb / 3P
   PROFESSIONAL LED INDICATORS 횠13mm Mounting
528-532-23 MARL-528-532-23 Datasheet
432Kb / 5P
   industrial panel lamps
528-532-23 MARL-528-532-23 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 528-532-23-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
   Robust stainless steel housing, sealed to IP67
524 MARL-524 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust stainless steel housing
520 MARL-520 Datasheet
423Kb / 5P
   횠6.1mm mounting Robust stainless steel housing
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
502 MARL-502 Datasheet
433Kb / 5P
   횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
612 MARL-612 Datasheet
451Kb / 5P
   횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
611 MARL-611 Datasheet
450Kb / 5P
   횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
611-301-21_1309 MARL-611-301-21_1309 Datasheet
450Kb / 5P
   Black anodised aluminium housing, sealed to IP67
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com