Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

524-523-23 Datasheet(PDF) 3 Page - Marl International Limited

Part # 524-523-23
Description  횠8.1mm mounting Robust stainless steel housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

524-523-23 Datasheet(HTML) 3 Page - Marl International Limited

  524-523-23 Datasheet HTML 1Page - Marl International Limited 524-523-23 Datasheet HTML 2Page - Marl International Limited 524-523-23 Datasheet HTML 3Page - Marl International Limited 524-523-23 Datasheet HTML 4Page - Marl International Limited 524-523-23 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
to order
de-rating information
BS EN ISO 9001:2008
approved manufacturer
524 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
also available
Part numbers also available in the 524 series:
Part
Number
Colour
Voltage
Vopr
524-501-04
Red
20 mA dc
524-501-20
Red
5/6 Vdc
524-501-20-19
Red
5/6 Vdc
524-501-20-22
Red
5/6 Vdc
524-501-21-15
Red
12 Vdc
524-501-22
Red
24 Vdc
524-501-22-22
Red
24 Vdc
524-501-24-19
Red
48 Vdc
524-501-25-19
Red
110 Vdc
524-501-72-15
Red
24 Vac 50 Hz
524-501-76-15
Red
230 Vac 50 Hz
524-512-86
Green
115 Vac 60 Hz
524-521-04
Yellow
20 mA dc
524-521-20
Yellow
5/6 Vdc
524-521-20-19
Yellow
5/6 Vdc
524-521-21-15
Yellow
12 Vdc
524-521-22
Yellow
24 Vdc
524-521-22-22
Yellow
24 Vdc
524-521-25-19
Yellow
110 Vdc
524-521-86
Yellow
115 Vac 60 Hz
524-523-23
Red
28 Vdc
524-525-23
Green
28 Vdc
524-530-23
Red/Green
28 Vdc
524-532-04
Green
20 mA dc
524-532-20
Green
5/6 Vdc
524-532-20-15
Green
5/6 Vdc
524-532-20-19
Green
5/6 Vdc
524-532-20-22
Green
5/6 Vdc
524-532-21-22
Green
12 Vdc
Part
Number
Colour
Voltage
Vopr
524-532-22
Green
24 Vdc
524-532-22-22
Green
24 Vdc
524-532-24
Green
48 Vdc
524-532-24-19
Green
48 Vdc
524-532-25-19
Green
110 Vdc
524-532-72-15
Green
24 Vac 50 Hz
524-532-75-15
Green
110 Vac 50 Hz
524-532-76-15
Green
230 Vac 50 Hz
524-532-86
Green
115 Vac 60 Hz
524-532-86-22
Green
115 Vac 60 Hz
524-930-04
Blue
20 mA dc
524-930-04-15
Blue
20 mA dc
524-930-20
Blue
5/6 Vdc
524-930-21-19
Blue
12 Vdc
524-930-22
Blue
24 Vdc
524-930-24
Blue
48 Vdc
524-997-22
White
24 Vdc
524-997-22-22
White
24 Vdc
524-997-24-22
White
48 Vdc
524-997-25-19
White
110 Vdc
524-997-72
White
24 Vac 50 Hz
524-997-86-22
White
115 Vac 60 Hz
The products listed here illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 524 - version 2012-12-06-113800
page 3 of 5


Similar Part No. - 524-523-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
524-521-04 MARL-524-521-04 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-521-04 MARL-524-521-04 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
524-521-04-15 MARL-524-521-04-15 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-521-20 MARL-524-521-20 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-521-20 MARL-524-521-20 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 524-523-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
   횠6.1mm mounting Robust stainless steel housing
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
528 MARL-528 Datasheet
432Kb / 5P
   횠13.0mm mounting Robust stainless steel housing, sealed to IP67
507 MARL-507 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
677 MARL-677 Datasheet
459Kb / 5P
   EMC version with internal stainless steel mesh 횠8.1mm mounting
508 MARL-508 Datasheet
433Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
   Robust stainless steel housing, sealed to IP67
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com