Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520-325-21 Datasheet(PDF) 4 Page - Marl International Limited

Part # 520-325-21
Description  횠6.1mm mounting Robust stainless steel housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

520-325-21 Datasheet(HTML) 4 Page - Marl International Limited

  520-325-21 Datasheet HTML 1Page - Marl International Limited 520-325-21 Datasheet HTML 2Page - Marl International Limited 520-325-21 Datasheet HTML 3Page - Marl International Limited 520-325-21 Datasheet HTML 4Page - Marl International Limited 520-325-21 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
de-rating information continued
to order
BS EN ISO 9001:2008
approved manufacturer
520 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph Y
10
20
30
40
50
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 520 - version 2013-02-19-173502
page 4 of 5


Similar Part No. - 520-325-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
520-325-21 MARL-520-325-21 Datasheet
314Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
520-325-21 MARL-520-325-21 Datasheet
423Kb / 5P
   industrial panel lamps
520-325-21 MARL-520-325-21 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 520-325-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
524 MARL-524 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust stainless steel housing
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
528 MARL-528 Datasheet
432Kb / 5P
   횠13.0mm mounting Robust stainless steel housing, sealed to IP67
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
   Robust stainless steel housing, sealed to IP67
696 MARL-696 Datasheet
415Kb / 4P
   횠6.1mm mounting Black anodised aluminium housing
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
List of Unclassifed Man...
EI0401NPCSS ETC2-EI0401NPCSS Datasheet
72Kb / 2P
   Proximity Sensors Inductive Stainless Steel Housing
EI3010PPCSL ETC2-EI3010PPCSL Datasheet
145Kb / 3P
   Proximity Sensors Inductive Stainless Steel Housing
EI0601NACS ETC2-EI0601NACS Datasheet
63Kb / 2P
   Proximity Sensors Inductive Stainless Steel Housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com