Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

258-993-64-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 258-993-64-38
Description  Direct replacement for T6.8 Slide Base
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

258-993-64-38 Datasheet(HTML) 1 Page - Marl International Limited

  258-993-64-38 Datasheet HTML 1Page - Marl International Limited 258-993-64-38 Datasheet HTML 2Page - Marl International Limited 258-993-64-38 Datasheet HTML 3Page - Marl International Limited 258-993-64-38 Datasheet HTML 4Page - Marl International Limited 258-993-64-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
258 series
• Direct replacement for T6.8 Slide Base
• Unique SOLO technology - Single product for multi voltage
operating range 8 - 48Vac/dc
• Flat topped for enhanced, even illumination of large lens
areas
• Durable to shock and vibration
• Reduces stock and maintenance costs
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
258-501-64
Red
8 - 48 Vdc
10
2800
660
-40 - +85
-40 - +85
A
258-501-64-38
Red
8 - 48 Vdc
10
600
630
-40 - +80
-40 - +100
D
258-521-64
Yellow
8 - 48 Vdc
10
6100
580-590
-40 - +80
-40 - +120
D
258-521-64-38
Yellow
8 - 48 Vdc
10
600
585
-40 - +80
-40 - +100
D
258-532-64
Green
8 - 48 Vdc
10
34700
525
-30 - +85
-40 - +100
D
258-532-64-38
Green
8 - 48 Vdc
10
800
515
-40 - +80
-40 - +100
F
258-930-64
Blue
8 - 48 Vdc
10
9870
468
-30 - +85
-40 - +100
U
258-930-64-38
Blue
8 - 48 Vdc
10
140
465
-30 - +85
-40 - +100
U
258-997-64
White
8 - 48 Vdc
10
27000
* See below
-30 - +85
-40 - +100
I
258-997-64-38
White
8 - 48 Vdc
10
27000
* See below
-30 - +85
-40 - +100
I
258-993-64-38
Warm White
8 - 48 Vdc
10
Call
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 258 - version 2012-12-06-113630
page 1 of 5


Similar Part No. - 258-993-64-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
258-993-64-38 MARL-258-993-64-38 Datasheet
251Kb / 3P
   FILAMENT REPLACEMENT LEDs - T6.8SB
258-993-64-38 MARL-258-993-64-38 Datasheet
204Kb / 4P
   filament replacement leds
258-993-64-38 MARL-258-993-64-38 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
More results

Similar Description - 258-993-64-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
238 MARL-238 Datasheet
206Kb / 4P
   Direct replacement for T6.8 Slide Base
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   Direct replacement for T6.8 Slide Base
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   Direct replacement for T6.8 Slide Base
209 MARL-209 Datasheet
271Kb / 5P
   Direct replacement for T5.5 Slide Base
207 MARL-207 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240 MARL-240 Datasheet
202Kb / 4P
   Direct replacement for BA15d
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com