Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-065-76 Datasheet(PDF) 1 Page - Marl International Limited

Part # 240-065-76
Description  Direct replacement for BA15d
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

240-065-76 Datasheet(HTML) 1 Page - Marl International Limited

  240-065-76 Datasheet HTML 1Page - Marl International Limited 240-065-76 Datasheet HTML 2Page - Marl International Limited 240-065-76 Datasheet HTML 3Page - Marl International Limited 240-065-76 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
240 series
• Direct replacement for BA15d
• Bi-polar product
• Internally potted for increased reliability
• Ideal for high vibration applications
• 4 LED cluster
• Warm white LEDs can be used behind a coloured lens as a
true filament lamp replacement
• Pack quantity = 5 pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
240-061-64
Warm White
8-48
10
1300
* See below -40 - +110
-40 - +110
AB
240-062-64
Amber
8-48
10
690
600
-40 - +110
-40 - +110
AB
240-063-64
White
8-48
10
1500
* See below -40 - +110
-40 - +110
AB
240-064-64
Red
8-48
10
640
640
-40 - +100
-40 - +100
BB
240-065-64
Green
8-48
10
870
520
-40 - +110
-40 - +110
AB
240-066-64
Blue
8-48
10
310
460
-40 - +110
-40 - +110
AB
240-061-62
Warm White
48-130
5
1300
* See below -40 - +110
-40 - +110
AB
240-062-62
Amber
48-130
5
690
600
-40 - +110
-40 - +110
AB
240-063-62
White
48-130
5
1500
* See below -40 - +110
-40 - +110
AB
240-064-62
Red
48-130
5
640
640
-40 - +100
-40 - +100
BB
240-065-62
Green
48-130
5
870
520
-40 - +110
-40 - +110
AB
240-066-62
Blue
48-130
5
310
460
-40 - +110
-40 - +110
AB
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 240 - version 2013-03-05-173248
page 1 of 4


Similar Part No. - 240-065-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-065-76 MARL-240-065-76 Datasheet
202Kb / 4P
   Ideal for high vibration applications
More results

Similar Description - 240-065-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
245-532-93-50 MARL-245-532-93-50 Datasheet
201Kb / 3P
   FILAMENT REPLACEMENT LEDs - Ba15d
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
231 MARL-231 Datasheet
283Kb / 5P
   Direct replacement for BA15s
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
253 MARL-253 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
217 MARL-217 Datasheet
284Kb / 5P
   Direct replacement for E27 (European Standard)
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com