Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

253-930-64 Datasheet(PDF) 1 Page - Marl International Limited

Part # 253-930-64
Description  Direct replacement for T2 BA7s
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

253-930-64 Datasheet(HTML) 1 Page - Marl International Limited

  253-930-64 Datasheet HTML 1Page - Marl International Limited 253-930-64 Datasheet HTML 2Page - Marl International Limited 253-930-64 Datasheet HTML 3Page - Marl International Limited 253-930-64 Datasheet HTML 4Page - Marl International Limited 253-930-64 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
253 series
• Direct replacement for T2 BA7s
• Unique SOLO technology - Single bi-polar product for multi
voltage operating range 8 - 48 Vac/dc
• Flat topped for enhanced, even illumination of large lens
areas
• Reduces stock and maintenance costs
• Durable to shock and vibration
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
253-501-64-38
Red
8 - 48 Vdc
10
600
630
-40 - +80
-40 - +100
D
253-521-64-38
Yellow
8 - 48 Vdc
10
600
585
-40 - +80
-40 - +100
D
253-532-64-38
Green
8 - 48 Vdc
10
800
515
-40 - +80
-40 - +100
F
253-930-64-38
Blue
8 - 48 Vdc
10
140
465
-30 - +85
-40 - +100
U
253-997-64-38
White
8 - 48 Vdc
10
27000
* See below
-30 - +85
-40 - +100
I
253-993-64-38
Warm White
8 - 48 Vdc
10
Call
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 253 - version 2012-12-06-113617
page 1 of 5


Similar Part No. - 253-930-64

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
253-930-64-38 MARL-253-930-64-38 Datasheet
211Kb / 3P
   FILAMENT REPLACEMENT LEDs - T2 Bayonet Cap
253-930-64-38 MARL-253-930-64-38 Datasheet
275Kb / 5P
   filament replacement leds
More results

Similar Description - 253-930-64

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240 MARL-240 Datasheet
202Kb / 4P
   Direct replacement for BA15d
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
231 MARL-231 Datasheet
283Kb / 5P
   Direct replacement for BA15s
logo
Chicago Miniature Lamp,...
1516135XXX CML-1516135XXX Datasheet
362Kb / 1P
   StarLEDs T2 (7x20mm) BA7s with half wave rectifier
1516125XXX CML-1516125XXX Datasheet
361Kb / 1P
   StarLEDs T2 (7x20mm) BA7s with half wave rectifier
1516145XXX CML-1516145XXX Datasheet
362Kb / 1P
   StarLEDs T2 (7x20mm) BA7s with half wave rectifier
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com