Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

231-997-23-38 Datasheet(PDF) 4 Page - Marl International Limited

Part # 231-997-23-38
Description  Direct replacement for BA15s
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

231-997-23-38 Datasheet(HTML) 4 Page - Marl International Limited

  231-997-23-38 Datasheet HTML 1Page - Marl International Limited 231-997-23-38 Datasheet HTML 2Page - Marl International Limited 231-997-23-38 Datasheet HTML 3Page - Marl International Limited 231-997-23-38 Datasheet HTML 4Page - Marl International Limited 231-997-23-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
231 series
Part numbers also available in the 231 series:
Part
Number
Colour
Voltage
Vopr
231-501-20
Red
5/6 Vdc
231-501-22-38
Red
24 Vdc
231-521-23-38
Yellow
28 Vdc
231-521-25-50
Yellow
110 Vdc
231-993-21-38
Warm White
12 Vdc
231-997-21-38
White
12 Vdc
231-997-22
White
24 Vdc
231-997-22-38
White
24 Vdc
231-997-23-38
White
28 Vdc
231-997-25-50
White
110 Vdc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 231 - version 2012-12-06-113547
page 4 of 5


Similar Part No. - 231-997-23-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
231-997-23 MARL-231-997-23 Datasheet
262Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
231-997-23 MARL-231-997-23 Datasheet
283Kb / 5P
   filament replacement leds
More results

Similar Description - 231-997-23-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240 MARL-240 Datasheet
202Kb / 4P
   Direct replacement for BA15d
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
253 MARL-253 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
217 MARL-217 Datasheet
284Kb / 5P
   Direct replacement for E27 (European Standard)
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   Direct replacement for T6.8 Slide Base
258 MARL-258 Datasheet
266Kb / 5P
   Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com