Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX300 Datasheet(PDF) 1 Page - A-Data Technology

Part # SX300
Description  ADATA XPG SX300/Premier Pro SP300
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SX300 Datasheet(HTML) 1 Page - A-Data Technology

  SX300 Datasheet HTML 1Page - A-Data Technology SX300 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.adata-group.com
ADATA XPG SX300/Premier Pro SP300
Datasheet
Features
> Applicable to Intel® Smart Response Technology
> MTBF: 1,200,000 hours
> Complies with ATA/ATAP1-7 Standard
> S.M.A.R.T feature supported
> NCQ Command set supported
> TRIM Command supported
> 3 – Year Warranty
> OS Compatibility: Windows 7/Windows XP/Windows Vista/
Mac OS X/Linux
Specifications
24GB/32GB/64GB
LSI SandForce SF-2141
SATA 3Gb/sec
Full-size mSATA
Multi-Level Cell (MLC) NAND Flash Memory
50.95 x 30 x 4mm(L × W × T)
7g
0 °C - 70 °C
-40 °C - 85 °C
1500G/0.5ms
1,200,000 Hours
Up to 55 bits correctable per 512-byte sector (BCH)
RoHS, CE, FCC
3 Years
64GB/128GB/256GB
LSI SandForce SF-2281
SATA 6Gb/sec
Product Model
Premier Pro SP300
XPG SX300
XPG SX300
Premier Pro SP300
Capacity
Form factor
NAND Flash
Controller
Dimensions
Weight
Interface
Performance(Max)
Operating
Storage temperature
Shock resistance
MTBF
ECC Recovery
Certification
Warranty
Read: 550 MB/sec.
Write: 505 MB/sec.
IOPS: 85,000 (Maximum 4K Random Write)
Read: 280 MB/sec.
Write: 260 MB/sec.
IOPS: 46,000 (Maximum 4K Random Write)


Similar Part No. - SX300

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX30 SEMTECH-SX30 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
Sensortechnics GmbH
SX30A SENSORTECHNICS-SX30A Datasheet
253Kb / 10P
   Pressure sensors
logo
Honeywell Accelerometer...
SX30A HONEYWELL-ACC-SX30A Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SX30AD2 SENSORTECHNICS-SX30AD2 Datasheet
253Kb / 10P
   Pressure sensors
logo
Honeywell Accelerometer...
SX30AD2 HONEYWELL-ACC-SX30AD2 Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
More results

Similar Description - SX300

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AUSDH8GUI1-R A-DATA-AUSDH8GUI1-R Datasheet
452Kb / 1P
   ADATA Premier Pro microSDHC UHS-I
SP600 A-DATA-SP600 Datasheet
686Kb / 2P
   ADATA Premier Pro SP600 Soild State Drive
SP900 A-DATA-SP900 Datasheet
485Kb / 2P
   ADATA Premier Pro SP900 Solid State Drive SATA 6Gb/sec
SX910 A-DATA-SX910 Datasheet
486Kb / 3P
   ADATA XPG SX910 Solid State Drive
SX900 A-DATA-SX900 Datasheet
552Kb / 2P
   ADATA XPG SX900 Solid State Drive
SDHCUHS-I A-DATA-SDHCUHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
UHS-I A-DATA-UHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
   ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
logo
ESS Technology,Inc
ES9010K2M ESS-ES9010K2M Datasheet
48Kb / 2P
   Premier Stereo Mobile Audio DAC
logo
A-Data Technology
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com