Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT-160 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MDT-160
Description  160, 220 WATTS MULTIPLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MDT-160 Datasheet(HTML) 1 Page - SL Power Electronics

  MDT-160 Datasheet HTML 1Page - SL Power Electronics MDT-160 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
160, 220 WATTS
MULTIPLE OUTPUT
MDT -160
MTC -160
MDT -220
Featuring:
• 9” x 5” x 2.5” package
• Proven low component count
design
• High power densities
• Meets international safety agency
requirements
• High peak currents for motor
starting
• Remote sense, thermal protection,
and OVP
• Cannot be damaged by no load or
low line conditions
• AC automatic line selection option
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
MTC-163-0515
160
+5V @ 30A
+15V @ 1.5A
-12V @ 1.5A
TELECOM MTC SERIES
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
MDT-163-0512R
160
+5V @ 25A
+12V @ 4/9 A pk
+12V @ 1.5A
MDT-164-1212R
160
+5V @ 25A
+12V @ 4/9 A pk
+12V @ 1A
-12V @ 1A
MDT-164-2412R
160
+5V @ 20A
+24V @ 3/6 A pk
+12V @ 1A
-12V @ 1A
MDT-223-0512R
220
+5V @ 30A
+12V @ 6/10 A pk
12V @ 2.5A
MDT-224-1212R
220
+5V @ 30A
+12V @ 6/10 A pk
+12V @ 1.5A
-12V @ 1.5A
MDT-224-2412R
220
+5V @ 25A
+24V @ 4/8 A pk
+12V @ 1.5A
-12V @ 1.5A
STANDARD MDT SERIES
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
MDT-223-1212R
220
+5V @ 10A
+12V @ 10/16 A pk
-12V @ 1A
MASS STORAGE MDT-223-1212R
These are Condor’s lower power series.
They are ideal for new OEM products
that are designed for future expansion.
Outputs start at 160 watts and power
needs can go to 350 watts by using the
MAX-350 series without changing the
footprint.
You’ll get up to 30 Amps for logic and
memory, and peak currents up to 16
Amps for motor starting in a package
measuring only 9” x 5” x 2.5”.
Other features like high power densi-
ties, AC autoline select option, and meet-
ing international safety requirements, give
design flexibility, low price, and worldwide
marketability.
Check the specifications of these power
supplies for your next OEM computer-
based or telecom product design.
*9.05
229.87
for MTX


Similar Part No. - MDT-160

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
83Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MDT-163-0512R SLPOWER-MDT-163-0512R Datasheet
89Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MDT-164-1212R SLPOWER-MDT-164-1212R Datasheet
83Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MDT-164-1212R SLPOWER-MDT-164-1212R Datasheet
89Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MDT-164-2412R SLPOWER-MDT-164-2412R Datasheet
83Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
More results

Similar Description - MDT-160

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MTC-160 SLPOWER-MTC-160 Datasheet
89Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MDT-220 SLPOWER-MDT-220 Datasheet
83Kb / 2P
   160, 220 WATTS MULTIPLE OUTPUT
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MAX-400 SLPOWER-MAX-400 Datasheet
97Kb / 2P
   400, 500 WATTS MULTIPLE OUTPUT
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MSC-750 SLPOWER-MSC-750 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
PCI-300 SLPOWER-PCI-300 Datasheet
116Kb / 2P
   300 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
PCI-200 SLPOWER-PCI-200 Datasheet
123Kb / 2P
   200 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
logo
Powerbox
PMP110 POWERBOX-PMP110 Datasheet
1Mb / 2P
   110 WATTS MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com