Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R11-0833 Datasheet(PDF) 10 Page - A-Data Technology

Part # R11-0833
Description  ADDR1600C4G11 DDR3L-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

R11-0833 Datasheet(HTML) 10 Page - A-Data Technology

Back Button R11-0833 Datasheet HTML 6Page - A-Data Technology R11-0833 Datasheet HTML 7Page - A-Data Technology R11-0833 Datasheet HTML 8Page - A-Data Technology R11-0833 Datasheet HTML 9Page - A-Data Technology R11-0833 Datasheet HTML 10Page - A-Data Technology R11-0833 Datasheet HTML 11Page - A-Data Technology R11-0833 Datasheet HTML 12Page - A-Data Technology R11-0833 Datasheet HTML 13Page - A-Data Technology R11-0833 Datasheet HTML 14Page - A-Data Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
 
 
 
10
ADDR1600C4G11
DDR3L-1600(CL11) 240-Pin R-DIMM
4GB(512M x 72-bits)
 
Absolute Maximum Ratings:
Parameter
Symbol
Value
Unit
Voltage on VDD supply relative to Vss
VDD
-0.4 ~ 1.975
V
Voltage on VDDQ pin relative to Vss
VDDQ
-0.4 ~1.975
V
Voltage on any pin relative to Vss
VIN, Vout
-0.4 ~ 1.975
V
Storage temperature
TStg
-55 ~ +100
Note:
DDR3 SDRAM component specification.
Operation Temperature Condition
Parameter
Symbol
Value
Unit
Note
Normal Operating Temperature Range
TC
0~+85
1
Extended Temperature Range (Optional)
TC
+85~+95
1
Note:
(1) If the DRAM case temperature is above 85
℃, the Auto-Refresh command interval has to be reduced to tREFI=3.9us.
DC Operating Condition
Voltage referenced to Vss = 0V, VDD&VDDQ=1.5V±0.075V, Tc = 0 to 85
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD
1.283
1.45
V
1,2
VDDSPD
3
3.6
V
Supply Voltage for Output
VDDQ
1.283
1.45
V
1,2
I/O Reference Voltage(CMD/ADD)
VREFCA, (DC)
0.49 x VDDQ
0.51 x VDDQ
V
3,4
I/O Reference Voltage(DQ)
VREFDQ, (DC)
0.49 x VDDQ
0.51 x VDDQ
V
3,4
Termination Voltage
VTT
0.49 x VDDQ-20mV
0.51 x VDDQ+20mV
V
Note:
(1) Under all conditions VDDQ must be less than or equal to VDD.
(2) VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
(3) The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than ±1% VDD
(for reference: approx. ±15mV)
(4) For reference: approx. VDD/2 ±15mV


Similar Part No. - R11-0833

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
R11-0834 A-DATA-R11-0834 Datasheet
783Kb / 16P
   AD3R1600C4G11 DDR3-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
R11-0836 A-DATA-R11-0836 Datasheet
783Kb / 16P
   AD3R1600W8G11 DDR3-1600(CL11) 240-Pin R-DIMM 8GB(1024M x 72-bits)
More results

Similar Description - R11-0833

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
R11-0834 A-DATA-R11-0834 Datasheet
783Kb / 16P
   AD3R1600C4G11 DDR3-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
logo
List of Unclassifed Man...
ADDR1333C4G9 ETC1-ADDR1333C4G9 Datasheet
741Kb / 16P
   DDR3-1333(CL9) 240-Pin R-DIMM 4GB (512M x 72-bits)
logo
A-Data Technology
R11-0875 A-DATA-R11-0875 Datasheet
561Kb / 16P
   ADD3V1600W8G11 DDR3L-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
R11-0836 A-DATA-R11-0836 Datasheet
783Kb / 16P
   AD3R1600W8G11 DDR3-1600(CL11) 240-Pin R-DIMM 8GB(1024M x 72-bits)
logo
Kingston Technology Far...
KVR16N11S8 KINGSTON-KVR16N11S8 Datasheet
292Kb / 2P
   4GB 1Rx8 512M x 64-Bit PC3-12800 CL11 240-Pin DIMM
logo
A-Data Technology
R11-0869 A-DATA-R11-0869 Datasheet
561Kb / 16P
   AD3V1600W8G11 DDR3-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
logo
Kingston Technology Far...
KVR16N11S8H KINGSTON-KVR16N11S8H Datasheet
143Kb / 2P
   4GB 1Rx8 512M x 64-Bit PC3-12800 CL11 240-Pin DIMM
logo
List of Unclassifed Man...
HX318LC11FB-8 ETC2-HX318LC11FB-8 Datasheet
243Kb / 2P
   DDR3L-1866 CL11 240-Pin DIMM
logo
Kingston Technology Far...
KVR16LN11 KINGSTON-KVR16LN11_V01 Datasheet
331Kb / 2P
   4GB 1Rx8 512M x 64-Bit PC3L-12800 CL11 240-Pin DIMM
logo
List of Unclassifed Man...
HX316LS9IB-4 ETC2-HX316LS9IB-4 Datasheet
356Kb / 2P
   4GB 512M x 64-Bit DDR3L-1600
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com