Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F08_2011 Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # F08_2011
Description  SMD wideband chokes (WBS) manufacturing location and 12NC change
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

F08_2011 Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  F08_2011 Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FERROXCUBE
www.ferroxcube.com
All rights reserved. The information in this document is subject to change without notice.
Product Change Notification Number:
F08/2011
Date: 2011-10-27
Title: SMD wideband chokes (WBS) manufacturing location and 12NC change
Reason for Change:
A Production
A Product
A Packaging
X Manufacturing Location
A Quality
A Material
A Other
List of Products Subjected to Change:
12NC
Reference
433003069011
WBS1.5-5/10-3S4-Z
433003041761
WBS1.5-5/4.8/10-3S4
433003041771
WBS1.5-5/4.8/10-4B1
433003041911
WBS2.5-5/10-3S4-S-Z
433003041991
WBS2.5-5/10-3S4-Z
433003069001
WBS2.5-5/10-4B1-Z
433003069007
WBS2.5-5/10-4B1-Z
433003041663
WBS2.5-5/4.8/10-3S4
433003041687
WBS2.5-5/4.8/10-4B1
433003041681
WBS2.5-5/4.8/10-4B1
Change Description: All the SMD wideband chokes (WBS), including references
listed above, will change their manufacturing location (from
Spain to Poland) and 12NC. The change will be effective from
January 2012 onwards.


Similar Part No. - F08_2011

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F08A20 MOSPEC-F08A20 Datasheet
129Kb / 2P
   FAST RECOVERY RECTIFIERS(8A,50-20V)
logo
Chenmko Enterprise Co. ...
F08A20PT CHENMKO-F08A20PT Datasheet
86Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - F08_2011

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
F06_2011 FERROXCUBE-F06_2011 Datasheet
180Kb / 1P
   SMD common mode chokes (CMS) manufacturing location and 12NC change
F13_2011 FERROXCUBE-F13_2011 Datasheet
423Kb / 5P
   Toroids manufacturing location and 12NC change
FO3_2011 FERROXCUBE-FO3_2011 Datasheet
190Kb / 1P
   SMD beads (BDS) manufacturing location and 12NC change
F07_2011 FERROXCUBE-F07_2011 Datasheet
354Kb / 4P
   Powder cores manufacturing location and 12NC change
F05_2012 FERROXCUBE-F05_2012 Datasheet
230Kb / 1P
   New reference numbers (12NC) and order data of SMD wideband chokes (WBS)
F04_2011 FERROXCUBE-F04_2011 Datasheet
171Kb / 1P
   CCM/AT-0307-471 manufacturing location and 12NC change
F09_2011 FERROXCUBE-F09_2011 Datasheet
258Kb / 2P
   vFerroxfoil EMI absorber sheet manufacturing location and 12NC change
F05_2011 FERROXCUBE-F05_2011 Datasheet
303Kb / 3P
   Multilayers (MLH, MLN, MLP, MLI) manufacturing location and 12NC change
F04_2012 FERROXCUBE-F04_2012 Datasheet
295Kb / 3P
   New reference numbers (12NC) and order data of Wideband chokes (WBC)
WBS1.5-5-3S4 FERROXCUBE-WBS1.5-5-3S4 Datasheet
77Kb / 7P
   SMD wideband chokes EMI-suppression products
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com