Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9467 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9467
Description  MCX Plug to BNC Female Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9467 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9467 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9467 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MCX Plug to BNC Female Adapter
Configuration
Connector 1
MCX Plug
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.25 [31.75]
Width/Dia., in [mm]
0.45 [11.43]
.
Connector 1
Type
MCX Plug
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mcx-plug-bnc-female-straight-adapter-pe9467-p.aspx
MCX Plug to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MCX Plug to BNC Female Adapter
PE9467
PE9467 REV


Similar Part No. - PE9467

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9460 PASTERNACK-PE9460 Datasheet
111Kb / 1P
   7mm TO 2.9mm MALE, PRECISION ADAPTER
PE9461 PASTERNACK-PE9461 Datasheet
89Kb / 1P
   7mm TO 2.9mm FEMALE PRECISION ADAPTER FREQUENCY RANGE:DC TO 18GHz
PE9462 PASTERNACK-PE9462 Datasheet
247Kb / 2P
   N Female to MCX Jack Adapter
PE9463 PASTERNACK-PE9463 Datasheet
248Kb / 2P
   N Female to MCX Plug Adapter
PE9464 PASTERNACK-PE9464 Datasheet
250Kb / 2P
   N Male to MCX Jack Adapter
More results

Similar Description - PE9467

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
   MCX Jack to BNC Female Adapter
PE9469 PASTERNACK-PE9469 Datasheet
250Kb / 2P
   MCX Plug to BNC Male Adapter
PE9520 PASTERNACK-PE9520 Datasheet
251Kb / 2P
   Bulkhead MCX Jack to BNC Female Adapter
PE9463 PASTERNACK-PE9463 Datasheet
248Kb / 2P
   N Female to MCX Plug Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
   SMA Female to MCX Plug Adapter
PE9545 PASTERNACK-PE9545 Datasheet
246Kb / 2P
   TNC Female to MCX Plug Adapter
PE9395 PASTERNACK-PE9395 Datasheet
245Kb / 3P
   SSMB Plug to BNC Female Adapter
logo
Pomona Electronics
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
   Adapter ??BNC Female To Phono Plug
logo
List of Unclassifed Man...
BU-P5319 ETC2-BU-P5319 Datasheet
192Kb / 1P
   Adapter - BNC Female to Phono Plug
logo
Pomona Electronics
3837 POMONA-3837 Datasheet
22Kb / 1P
   Adapter BNC Female To Tini-Plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com