Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDK-1119R-35SXA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDK-1119R-35SXA1E
Description  19" SXGA Industrial Display kit with Touch Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-1119R-35SXA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDK-1119R-35SXA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDK-1119R-35SXA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice
Industrial Display Solutions
All product specifications are subject to change without notice
Last updated : 6-Dec-2012
Features
IDK-1119
19" SXGA Industrial Display kit
with Touch Solution
ƒ 19" LCD supports 1280 x 1024 pixels and wide operating temperature
(0 ~ 50° C)
ƒ Brightness of 350 cd/m2 with LED backlight
ƒ 5-wire resistive touch solution
ƒ High contrast ratio of 1000:1
ƒ High uniformity of 80%
ƒ LVDS signal interface
ƒ Low power consumption 20.55 W (panel only)
ƒ LED driver board built in
ƒ Touch controller included (USB)
ƒ AR surface treatment (optional)
ƒ Optical bonding (optional)
Introduction
The Advantech IDK-1119 series comes with a 19" industrial grade LCD display with 5-wire resistive touch. The series is also available with flexible options for LCD screens enhanced
treatment such as Anti Reflection surface treatment and optical bonding solution. IDK-1119 series supports 5-wire resistive touch with low power consumption at the maximum of
20.55W. IDK-1119 series is ideal for embedded applications which customers have maximum flexibility for mechanical design.
Specifications
LCD Panel
Display Size
19" LED backlight panel
Resolution
1280 x 1024
Viewing Angle (U/D/L/R)
80° / 80° / 85° / 85°
Brightness
350 cd/m2
Backlight Life (hrs)
50,000 hrs
Contrast Ratio
1000 : 1
Response Time (ms)
5 ms
Colors
6 Bit + HiFRC (16.7 M)
Voltage
5.0 V Power
Consumption
20.55 W
Signal Interface
2 channel LVDS
Weight
2750 g
Dimensions (W x H x D)
396 x 324 x 20.7 mm
Touch Screen
Touch Screen
5-wire Resistive
Transparency
80± 3%
Surface Hardness
3H
Durability
10 million times
Environment
Operating Temperature
0 ~ 50° C
Storage Temperature
-20 ~ 60° C
Humidity
5 ~ 90% @ 25° C, non-condensing
RoHS
COMPLIANT
2002/95/EC
NEW


Similar Part No. - IDK-1119R-35SXA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-1119R-35SXA1E ADVANTECH-IDK-1119R-35SXA1E Datasheet
948Kb / 2P
   19 SXGA Industrial Display kit with Touch Solution
6-Dec-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com