Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EWM-C107FE01E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EWM-C107FE01E
Description  EVDO Mini PCIe Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EWM-C107FE01E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EWM-C107FE01E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Wireless Modules
EWM-C106FT
HSUPA Full-size Mini PCIe Card
EWM-C107
EVDO Mini PCIe Card
Features
ƒ 850/1900/2100 MHz for WCDMA network
ƒ 850/900/1800/1900 MHz for EDGE/GPRS/GSM network
ƒ Downlink: 7.2 Mbps, Uplink: 5.76 Mbps
ƒ Operating temperature: -20 to 65° C
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Features
ƒ 800/1900 MHz for CDMA network
ƒ Downlink: 3.1 Mbps, Uplink: 1.8 Mbps for CDMA 1xEV-DO Rev A
ƒ Operating temperature: -20 to 70° C
NEW
NEW
Specifications
Main Chipset
Qualcomm MSM6290
Antenna
2 RF Antenna Coaxial Connectors
Band
WCDMA: 850/ 1900/ 2100 MHz
EDGE/ GPRS/ GSM: 850/ 900/ 1800/ 1900 MHz
Data throughput
Downlink: 7.2 Mbps
Uplink: 5.76 Mbps
Interface
PCI Express mini-card rev. 1.2
Operation Voltage
DC 3.3 ~ 3.6V
Power Consumption
< 800 mA (HSUPA data transfer)
OS Supported
Windows XP/ Vista/ 7, WinCE 5.0/ 6.0 and Linux
Temperature Ranges
Operation: -20 to 65° C
Dimensions (L x W x H)
51.00 x 30.00 x 4.60 mm
Ordering Information
Part No.
Product Description
EWM-C106FT01E
HSUPA Full-size Mini PCIe Card
Suggested Antenna and Cable
Part No.
Specifications
1750005865
824~960 MHz, 1710~2170 MHz dipole antenna, 109 mm
1750006083
900/ 1800/ 1900/ 2100 MHz dipole antenna, 92 mm
1750006426
824~960 MHz, 1710~2170 MHz dipole antenna, 169.5 mm
1750005866
Coaxial GSM/ GPS Cable, 100 mm
1750006009
Coaxial GSM/ GPS Cable, 250 mm
Specifications
Main Chipset
Qualcomm QSC6085
Antenna
2 RF Antenna Coaxial Connectors
Band
CDMA: 800/ 900 MHz
Data throughput
Downlink: 3.1 Mbps
Uplink: 1.8 Mbps
Interface
PCI Express mini-card rev. 1.2
Operation Voltage
DC 3.3 ~ 3.6V
Power Consumption
< 3 mA (Sleep mode)
OS Supported
Windows XP/ Vista/ 7, WinCE 5.0/ 6.0 and Linux
Temperature Ranges
Operation: -20 to 65° C
Dimensions (L x W x H)
EWM-C107HE01E: 26.50 x 30.00 x 4.60 mm
EWM-C107FE01E: 50.85 x 30.00 x 4.60 mm
Ordering Information
Part No.
Product Description
EWM-C107HE01E
EVDO Half-size Mini PCIe Card
EWM-C107FE01E
EVDO Full-size Mini PCIe Card
Suggested Antenna and Cable
Part No.
Specifications
1750005865
824~960 MHz, 1710~2170 MHz dipole antenna, 109 mm
1750006083
900/ 1800/ 1900/ 2100 MHz dipole antenna, 92 mm
1750006426
824~960 MHz, 1710~2170 MHz dipole antenna, 169.5 mm
1750005866
Coaxial GSM/ GPS Cable, 100 mm
1750006009
Coaxial GSM/ GPS Cable, 250 mm
All product specifications are subject to change without notice
Last updated : 11-Jun-2012


Similar Part No. - EWM-C107FE01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-C106FT ADVANTECH-EWM-C106FT Datasheet
742Kb / 1P
   HSUPA Full-size Mini PCIe Card
EWM-C106FT01E ADVANTECH-EWM-C106FT01E Datasheet
742Kb / 1P
   HSUPA Full-size Mini PCIe Card
EWM-C106FT01E ADVANTECH-EWM-C106FT01E Datasheet
550Kb / 2P
   NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
EWM-C106FT01E ADVANTECH-EWM-C106FT01E Datasheet
721Kb / 2P
   NXP ARM® Cortex®-A8 i.MX53 RTX 1.6 Module
10-Mar-2016
EWM-C106FT01E ADVANTECH-EWM-C106FT01E Datasheet
460Kb / 2P
   Development Board for RTX v2.0 RISC Module
25-Feb-2016
More results

Similar Description - EWM-C107FE01E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
258Kb / 1P
   PCIe Mini Card
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
   PCIe mini card expansion module
20-Jul-2020
logo
Skyworks Solutions Inc.
SKY65249-11 SKYWORKS-SKY65249-11_07 Datasheet
1Mb / 2P
   PCIe, mini PCI card bus
logo
Advantech Co., Ltd.
EWM-C106FT ADVANTECH-EWM-C106FT Datasheet
742Kb / 1P
   HSUPA Full-size Mini PCIe Card
EWM-G107F ADVANTECH-EWM-G107F Datasheet
757Kb / 1P
   Embedded GPS/ GALILEO Mini PCIe Card
logo
Axiomtek Co., Ltd.
GOT3126T-832 AXIOMTEK-GOT3126T-832 Datasheet
425Kb / 2P
   Easy for expansion: PCIe Mini Card
logo
Vecow Co., Ltd.
DMX-100 VECOW-DMX-100 Datasheet
367Kb / 1P
   Mini PCIe 32-bit GPIO Card
logo
Advantech Co., Ltd.
EWM-C108HQ ADVANTECH-EWM-C108HQ Datasheet
719Kb / 1P
   HSUPA Half-size Mini PCIe Card
EWM-G107H ADVANTECH-EWM-G107H Datasheet
757Kb / 1P
   Embedded GPS/ GALILEO Mini PCIe Card
logo
Axiomtek Co., Ltd.
GOT5152T-832 AXIOMTEK-GOT5152T-832 Datasheet
689Kb / 2P
   Easy for expansion: PCIe Mini Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com