Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSM15-28 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GSM15-28
Description  15 Watt Global Performance Medical Switcher
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GSM15-28 Datasheet(HTML) 1 Page - SL Power Electronics

  GSM15-28 Datasheet HTML 1Page - SL Power Electronics GSM15-28 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Coefficient
0.03% / °C typical.
EMI/EM Compliance
All models include built-in EMI filtering to meet the following EMC requirements of
IEC601-1-2.
Ac Input
90-264 Vac, 47-63 Hz single phase. Class I or class II grounding.
Input Current
Maximum input current at 90 Vac, 60 Hz with full rated output load not to
exceed 0.6 A.
Input Protection
Internal ac fuse provided on all units. Designed to blow only if a catastrophic
failure occurs in the unit -- Fuse does not blow on unsustained overload or
short circuit.
Inrush Current
Inrush is limited by internal thermistors. The inrush at 240 Vac, averaged over
the first ac half-cycle under cold start conditions will not exceed 37 A.
Efficiency
69-85% depending on model.
Overload Protection
Fully protected against short circuit and output overload. Short circuit protec-
tion is cycling type power limit. Factory set to begin power limiting at 23 W.
Overvoltage Protection
Built in OVP on all models. Approximately 120-140% of output voltage.
Output Noise
0.5% rms, 1% Pk-Pk, 20 MHz Bandwidth, differential mode. Measured with
noise probe directly across output terminals of the power supply.
Transient Response
Main Output - 500 µs max. response time for return to within 0.5% of final
value for a 50% load step change, ∆i/ ∆t< 0.2 A/μs. Maximum voltage devia-
tion is 3.5%.
Hold-up Time
10 ms minimum from loss of ac input voltage at full load, nominal line (120
Vac).
GSM15 Medical
15 Watt Global Performance Medical Switcher
• Industry’s smallest 15 W medically approved switcher
• Compact size (3.00” x 2.10” x 0.92”)
• Wide-range ac input: 90-264 Vac
• Less than 75 μA leakage current @ 120 Vac
• Approved to UL2601-1, EN60601-1
• EMI to FCC, CISPR 11 Class B
• Overvoltage protection standard
• RoHS compliant models available (G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
FEATURES:
D C P o w e r S u p p l i e s
SPECIFICATIONS
marked to LVD
Medical Safety Approvals
All models are Certified to be in compliance with the applicable requirements of
UL2601-1, IEC60601-1, CSA-C22.2 No. 601-1, EN60601-1.
Leakage Current
The maximum leakage current for GSM15 series will be as follows;
Performance Requirement
EMC Standard
Typical Margin
Conducted Emissions
EN55011, Class B; FCC Class B 2 dB Class II Gnd
6 dB Class I Gnd
Surge Discharge
EN61000-4-2, Level 3
2 kV
RF Field Susceptibility
EN61000-4-3, Level 3
2 V
Fast Transients/Bursts
EN61000-4-4, Level 3
500 V
Surge Susceptibility
EN61000-4-5, Level 3
500 V
Conducted RF Susceptibility EN61000-4-6
25%
Voltage Sags & Surges
EN61000-4-11
5%
132Vac/60Hz UL2601-1 test method
GND
Connection
Normal
Single Fault
Class I
75 μA
105 μA
Class II
39 μA
54 μA
264Vac/50Hz IEC60601-1 test method
GND
Connection
Normal
Single Fault
Class I
128 μA
180 μA
Class II
66 μA
94 μA


Similar Part No. - GSM15-28

ManufacturerPart #DatasheetDescription
logo
StarHope
GSM150C SPSEMI-GSM150C Datasheet
196Kb / 3P
   Gas Discharge Tube
GSM150D SPSEMI-GSM150D Datasheet
197Kb / 3P
   Gas Discharge Tube
GSM150E SPSEMI-GSM150E Datasheet
197Kb / 3P
   Gas Discharge Tube
GSM150F SPSEMI-GSM150F Datasheet
236Kb / 3P
   Gas Discharge Tube
GSM150K SPSEMI-GSM150K Datasheet
239Kb / 3P
   Gas Discharge Tube
More results

Similar Description - GSM15-28

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com