Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT15DS60 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT15DS60
Description  2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15DS60 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT15DS60 Datasheet HTML 1Page - Advanced Power Technology APT15DS60 Datasheet HTML 2Page - Advanced Power Technology APT15DS60 Datasheet HTML 3Page - Advanced Power Technology APT15DS60 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PEARSON 411
CURRENT
TRANSFORMER
0.5 IRRM
di
F/dt Adjust
30µH
D.U.T.
+15v
-15v
0v
Vr
4
3
1
2
5
5
0.75 IRRM
trr/Qrr
Waveform
Zero
6
1
2
3
4
6
di
F/dt - Current Slew Rate, Rate of Forward
Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Peak Reverse Recovery Current.
trr - Reverse Recovery Time Measured from Point of IF
Qrr - Area Under the Curve Defined by IRRM and trr.
diM/dt - Maximum Rate of Current Change During the Trailing Portion of trr.
Current Falling Through Zero to a Tangent Line
{
diM/dt
}
Extrapolated Through Zero Defined by 0.75 and 0.50 I
RRM.
6
Figure 9, Diode Reverse Recovery Test Circuit and Waveforms
Figure 10, Diode Reverse Recovery Waveform and Definitions
Qrr = 1/2 (trr . IRRM)
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-247 Package Outline
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
10.90 (.430) BSC
3.50 (.138)
3.81 (.150)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Dimensions in Millimeters and (Inches)
Anode 1
Cathode 2
APT15DS60B


Similar Part No. - APT15DS60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15DS60BG MICROSEMI-APT15DS60BG Datasheet
207Kb / 4P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
APT15DS60SG MICROSEMI-APT15DS60SG Datasheet
207Kb / 4P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
More results

Similar Description - APT15DS60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15DS60BG MICROSEMI-APT15DS60BG Datasheet
207Kb / 4P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
APT30DS60BG MICROSEMI-APT30DS60BG Datasheet
1Mb / 4P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
logo
Advanced Power Technolo...
APT30DS60B ADPOW-APT30DS60B_04 Datasheet
125Kb / 4P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
APT30DS60H ADPOW-APT30DS60H Datasheet
31Kb / 2P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
APT30DS60B ADPOW-APT30DS60B Datasheet
63Kb / 4P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
APT30DS30B ADPOW-APT30DS30B Datasheet
53Kb / 4P
   HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODE
APT15DS30B ADPOW-APT15DS30B Datasheet
55Kb / 4P
   HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODE
APT30D20BCA ADPOW-APT30D20BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D60BHB ADPOW-APT30D60BHB Datasheet
49Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
logo
NXP Semiconductors
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com