Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIMB-582 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-582
Description  Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, DDR3 and SATAIII
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-582 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-582 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-582 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-582
Riser Card
Part Number
Description
AIMB-RP10P-01A1E
1U riser card with 1 PCI expansion
AIMB-RP30P-03A1E
2U riser card with 3 PCI expansion
AIMB-RP3PF-21A1E
2U riser card for 1 PCIe x 16 abd 2 PCI expansion
AIMB-RP3P8-12A1E
2U riser card with 2 PCIe x 8 & 1 PCI slots expansion
(For WG2 Sku)
Note: AIMB-RP3P8-12A1E is not compatible with ACP-2010MB/2320MB chassis unless change
special bracket to 1950014302N001.
Packing List
Part Number
Description
Quantity
1700003194
SATA HDD cable
2
1703150102
SATA power cable
2
1960056089T000
I/O port braket
1
2002058100
Startup manual
1
2062058100
Driver CD
1
Optional Accessories
Part Number
Description
1700002204
Dual port USB cable (27 cm) with bracket
1960047669N001
LGA1156 CPU cooler for 4U and wallmount chassis
1960047831N001
LGA1156 CPU cooler for 2U and wallmount chassis
1960049408N001
LGA1156 CPU cooler for 1U and wallmount chassis
1700000446
Printer port cable kit
1700018699
KBMS cable 1*6P-2.5/DIN-6P(F)*2, 25 cm
1700000447
1-to-4 serial ports cable kit, 45cm
1701400181
1-to-4 serial ports cable kit, 18cm
1950014302N001
Special bracket for riser card AIMB-RP3P8-12A1E
Note: Purchasing AIMB-582's proprietary CPU cooler from Advantech is a must, other
brand's CPU cooler are NOT compatible with AIMB-582.
Embedded OS/API
OS/API
Part No.
Description
Win XPE
XPE WES 2009 V4.0 ENG with Acronis PSNL
XPE WES09 AIMB-582 V4.0 ENG_CHT ATI PSNL
Software API
SUSI 3.0 SW API for AIMB-582 XP
AIMB-582QG2-00A1E
AIMB-582WG2-00A1E
Ordering Information
Part Number
Chipset
Memory
USB 3.0
CRT
DP
DVI
LVDS/eDP
USB
COM
TPM
GbE LAN
AIMB-582QG2-00A1E
Q77
Non-ECC
4
Yes
1
1
1(1)
12
6
(1)
2
AIMB-582WG2-00A1E
C216
ECC/Non-ECC
4
Yes
1
1
1(1)
12
6
(1)
2
*() BOM options available on MP version.
I/O View
Intel Core i7/i5/i3/Pentium
BIOS
Audio Codec
Realtek ALC892
Super I/O
Nuvuton
NCT6776F
2 RS-232,
PS/2, WDT
Fintek 81216AD
Infineon SLB9635 TPM
1.2 (Optional)
3 x RS-232,
1 x RS-232/422/485
Q77/C216
PCIe x 16
DDR3 1333/1600
DDR3 1333/1600
Channel A
DDR3 1333/1600
DDR3 1333/1600
Channel B
Intel 82579LM
Intel 82583V
PCIe x 16
DVI
DP
eDP (optional)
DP
Display Port
DP
CRT
(co-lay with LVDS)
CRT
Chrontel 7511B
transmitter
DP
LVDS
LVDS
Dual channel
24-bit/channel
PCIe x1
PCIe x1
PCIe x 4 Connector
PCI1 ~ 2 Connector
PCIe x 4
32 bit/33 MHz PCI Bus
LPC BUS
2 SATA3 PORTS
600 MB/s
4 SATA2 PORTS
300 MB/s
8 USB PORTS
USB 2.0
4 USB PORTS
USB 3.0


Similar Part No. - AIMB-582

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-582QG2-00A1E ADVANTECH-AIMB-582QG2-00A1E Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
AIMB-582QG2-TPA1E ADVANTECH-AIMB-582QG2-TPA1E Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
AIMB-582WG2-00A1E ADVANTECH-AIMB-582WG2-00A1E Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
AIMB-582 ADVANTECH-AIMB-582_14 Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
More results

Similar Description - AIMB-582

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-582 ADVANTECH-AIMB-582_14 Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
AIMB-581 ADVANTECH-AIMB-581 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-581 ADVANTECH-AIMB-581_14 Datasheet
923Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, SATAIII
AIMB-584 ADVANTECH-AIMB-584_14 Datasheet
958Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1150 MicroATX with CRT/DVI/eDP/LVDS/DP,6 COM, Dual LAN, SATAIII
AIMB-502 ADVANTECH-AIMB-502 Datasheet
813Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-502 ADVANTECH-AIMB-502_14 Datasheet
903Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, SATAIII
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-501VG-KSA1E ADVANTECH-AIMB-501VG-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501_14 Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-585 ADVANTECH-AIMB-585 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1151 MicroATX with DVI-D/HDMI/DP/eDP/VGA, 6 COM, Dual LAN, SATA III, 12 USB3.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com