Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70HF Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # 70HF
Description  POWER RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

70HF Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  70HF Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD 70HF Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD 70HF Datasheet HTML 3Page - Kwang Myoung I.S. CO.,LTD 70HF Datasheet HTML 4Page - Kwang Myoung I.S. CO.,LTD 70HF Datasheet HTML 5Page - Kwang Myoung I.S. CO.,LTD 70HF Datasheet HTML 6Page - Kwang Myoung I.S. CO.,LTD 70HF Datasheet HTML 7Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KI SEMICONDUCTOR CO.
POWER RECTIFIER
Features
High surge current capability
Designed for a wide range of applications
Stud cathode and stud anode version
Leaded version available
Types up to 1600V V
RRM
Major Ratings and Characteristics
Typical Applications
Battery charges
Converters
Power supplies
Machine tool controls
Parameters
70HF(R)
Units
10 to 120
140 to 160
I
F(AV)
70
70
Amps
@T
C
140
110
I
F(RMS)
110
Amps
I
FSM
@50Hz
1200
Amps
@60Hz
1250
Amps
I2t
@50Hz
7100
A2s
@60Hz
6540
A2s
V
RRM
range
100 to 1200
1400 to 1600
Volts
T
J
range
-65 to 180
-65 to 150
Mechanical Data
Case: DO-203AB(DO-5)
Polarity: Selection available
Weight: 17 grams
70HF(R) series
Reverse Voltage - 100 to 1600 Volts
Forward Current - 70.0 Amperes
1


Similar Part No. - 70HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HF IRF-70HF Datasheet
204Kb / 8P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
70HF NAINA-70HF Datasheet
77Kb / 1P
   SILICON POWER DIODE
logo
Shanghai Shunye Electro...
70HF SY-70HF Datasheet
309Kb / 2P
   STANDARD RECOVERY RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
70HF NJSEMI-70HF Datasheet
208Kb / 4P
   Standard Recovery Diodes
logo
TRANSYS Electronics Lim...
70HF-10 TEL-70HF-10 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
More results

Similar Description - 70HF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
   Power Rectifier
November, 2012 ??Rev. 1
MURHS160T3G ONSEMI-MURHS160T3G_12 Datasheet
133Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 3
MBRJ20L60CTG ONSEMI-MBRJ20L60CTG Datasheet
110Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MURHB860CT ONSEMI-MURHB860CT_11 Datasheet
120Kb / 4P
   Power Rectifier
August, 2011 ??Rev. 3
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P1
MBRJ20L45CTG ONSEMI-MBRJ20L45CTG Datasheet
105Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
134Kb / 5P
   Power Rectifier
January, 2012 ??Rev. 7
MBRJ30L45CTG ONSEMI-MBRJ30L45CTG Datasheet
106Kb / 5P
   Power Rectifier
November, 2012 ??Rev. P0
MUR10120E ONSEMI-MUR10120E Datasheet
130Kb / 4P
   Power Rectifier
September, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com