Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPFC125F Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPFC125F
Description  125 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPFC125F Datasheet(HTML) 1 Page - SL Power Electronics

  GPFC125F Datasheet HTML 1Page - SL Power Electronics GPFC125F Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPFC125 Commercial/GPFM125 Medical
125 Watt Global Performance Switchers
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current 2A at 90 Vac, 60 Hz with full rated load.
Input current harmonic content meets the requirements of
IEC1000-3-2. Active circuitry provides high power factor as
listed at .96 min., .99 typical. All data taken with full output
loading.
DC Output Power
125 W with 150 LFM of air, 50 W convection cooled, 80 W
convection cooled with unit mounted to min. 12 x 12 x .125 in.
thick aluminim plate. Peak ratings are for 60 s maximum
duration, 10% duty cycle. With optional cover installed,125 W,
200 LFM airflow is required(-C suffix).
Inrush Current
Inrush 240 Vac is less than 37 A, averaged over the first ac
half-cycle under cold start conditions. Limiting provided by
internal thermistors.
Input Protection
Internal ac fuse provided on all models. Fuse does not blow on
overload or short circuit — fuse blows only if a catastrophic
failure occurs in the unit.
Efficiency
72 to 85% at full rated load. Depending upon model and load
distribution.
Minimum Load
Supply will function with no load on any output. To maintain
regulation with full load on V2, 3 and 4 output V1 requires a
minimum load of (2A + V4 current). Lower minimum load may be
obtained if less then full load is drawn from auxiliary outputs.
Overload Protection
Fully protected against short circuit and output overload. Total
output power limited to approximately 150 Watts. Cycling type
limits on output 1, 2 & 3, linear fold back on output 4. Recovery
after fault is automatic.
Overvoltage Protection
Built in on all models - See Output table for individual model
output limits.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz Bandwidth, differential mode.
Transient Response
500 ms typical response time for return to within 0.5% of final
value for a 50% load step change,
∆i/∆t< 0.2 A ms. Maximum
voltage deviation is 3.5%.
Temperature Coefficient
0.03% / °C typical on all outputs.
Remote Sense
Provided as a standard feature on V1 of all models.
Temperature Range
0 to 50 °C at full rated output power. For operation above 50 °C,
derate output power and current by 2.5 % per °C.
Altitude
Operating:
-500 to 10,000 ft. MSL
Non-Operating
-500 to 40,000 ft MSL
Shock and Vibration
All models are designed to meet the following specifications;
Random Vibration -
Operating: 0.003 g2/Hz, 1.5 g
rms overall, 3 axes, 10 min. / axis
Non-Operating:
0.026 g2/Hz, 5.0 g
rms overall, 3 axes, 1 hr. / axis
Shock -
Operating: Half-sine, 20 g
pk, 10 ms, 3 axes, 6 shocks total
Non-Operating: Half-sine, 40 g
pk, 10 ms, 3 axes, 6 shocks total
EMI/EMC Compliance
All models include built-in EMI filtering to meet the EMC
requirements below.
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions-GPFC125
EN55022, Class B; FCC Class B
Conducted Emissions-GPFM125
EN55011,Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact 8 kV air
RF Field Susceptibility
EN61000-4-3, 3V/meter
Fast Transients / Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Conducted RF Susceptibility
EN61000-4-6, 3V
Voltage Sags & Surges
EN61000-4-11
Line Frequency Harmonics
EN61000-3-2 Class A
Commercial Safety Approvals
All models are approved to UL1950, CSA22.2 No. 950-95,
IEC950, EN60950. CB certificate available. Exceeds FCC and
CISPR22 Class B conducted emissions requirement
Medical Safety Approvals
All models are Certified to be in compliance with the applicable
requirements of UL2601, CSA 22.2 No. 601.1-M90, IEC 601-1
(1988), EN 60601-1: 1990. CB certificate available.
Leakage Current
The maximum leakage current is as follows:
Test Condition
Normal
Single Fault
132 Vac @ 60 Hz input
70 µA
120 µA
264 Vac @ 50 Hz input
130 µA
240 µA
FEATURES:
• Compact 125 watt multiple output
• Power density of 4 watts per cubic inch
• Power Factor Correction to meet EN61000-3-2
• Small package 6.00 x 3.5 x 1.5 inches
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
• Commercial approved to UL1950, IEC950, CSA22.2
No. 950 and EN60950.
• Medical approved to UL2601-1, IEC601-1, CSA22.2
No. 601.1, EN60601-1
marked to LVD
SPECIFICATIONS:


Similar Part No. - GPFC125F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC110 SLPOWER-GPFC110 Datasheet
363Kb / 2P
   110 Watt Global Performance Switchers
GPFC110-28 SLPOWER-GPFC110-28 Datasheet
363Kb / 2P
   110 Watt Global Performance Switchers
GPFC110-48 SLPOWER-GPFC110-48 Datasheet
363Kb / 2P
   110 Watt Global Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GPFC160-12 SLPOWER-GPFC160-12 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
More results

Similar Description - GPFC125F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com