Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPFM115-28 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPFM115-28
Description  115 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPFM115-28 Datasheet(HTML) 1 Page - SL Power Electronics

  GPFM115-28 Datasheet HTML 1Page - SL Power Electronics GPFM115-28 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transient Response
Main Output 500 μs typical response time for return to within 0.5% of final value
for a 50% load step change, ∆i/∆t<0.2 A/μs. Maximum voltage deviation is 3.5%.
Minimum Load
No minimum load required to maintain output specifications. An abrupt change in
output current from > 90% to < 2% load may cause a false triggering of the power
fail signal.
Voltage Adjustment
Main output ±5%.
Temperature Coefficient
0.03%/°C typical on all outputs.
Thermal Shutdown
Provided as a standard feature. Designed to protect unit from prolonged over
temperature.
Fan Output
An additional 12 Vdc (nominal 10.5 V), 100 mA output suitable for powering a dc
fan is included in all models. The fan output is referenced to +out. Due to high
pk-pk noise and low regulation, it is not recommended that this output be used
for any other purpose.
Input Protection
Internal ac fuse provided on all models. Fuse does not blow on overload or short
circuit -- fuse blows only if a catastrophic failure occurs in the unit.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions require-
ments:
Ac Input
85-264 Vac, 47-63 Hz single phase
Output Power
Continuous rating is 80 W with unrestricted natural convection, or 115 W with
forced convection. All models capable of 110% of rated power for 60 sec.,
10% duty cycle maximum.
Input Current
Maximum input current at 90 Vac, 60 Hz with full rated load is 1.7 A. Input
current harmonic content meets the requirements of IEC1000-3-2 for all load
conditions at 230 Vac input. Active input circuitry provides high power factor
of .96 min, .99 typical.
Inrush Current
Inrush 240 Vac is less than 37 A, averaged over thr first ac halfcycle under cold
start conditions. Limiting provided by internal thermistors.
Holdup Time
25 ms minimum from loss of ac input at full load.
Power Fail
TTL / CMOS compatible output goes low (<0.5 V) 8 ms before output voltage
drops more than 4% below nominal voltage upon loss of ac power. The signal is
factory set to trip before there is insufficient power stored in the primary to sus-
tain the output. Signal can sink 1.6 mA or source 400 μA at 2.7 V (Fan-out = 1).
Efficiency
74 to 81% depending upon model
DC Output Specification
Total regulation is the maximum deviation from the nominal voltage for all
steady state loading conditions. Peak ratings are for 60 s maximum duration,
10% duty cycle. Consult factory for application assistance.
Remote Sense
Provided as a standard feature on all models. Capable of compensating for
0.25 V total of cabling losses.
Overload Protection
Fully protected against short circuit and output overload. Short circuit protec-
tion is cycling type power limit. Recovery after fault is automatic. Consult
factory for specific condition limits.
Overvoltage Protection
Built in on all models - See voltage and current chart for individual model
output limits. When OVP fires, the output converter stops providing input
power to output. Output voltage decay is dependent upon loading.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz Bandwidth, differential mode. Measured with
noise probe directly across output terminals of the power supply.
GPFM115 Medical
115 Watt Global Performance Switchers
• 115 Watts of continuous power with forced air
• Power factor corrected
• 74-81% efficiency
• Small package 3.3” x 5.25” x 1.5” inches
• Power fail warning, remote sense
• Optional cover with cooling fan
• Medical Approval to UL2601-1, CSA-C22.2
No. 601.1, EN60601-1
• RoHS Compliant Model Available (G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
FEATURES:
SPECIFICATIONS
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
Line Frequency Harmonics
Conducted RF Susceptibility
Voltage Dips and Interruptions
EN55011 Class B; FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
EN61000-3-2 Class A
EN61000-4-6, 3 V
EN61000-4-11, Consult factory for more
details.
Leakage Current
90 μA normal conditions (132 Vac @ 60 Hz input) or 250 μA (264 Vac) single fault.
Medical Safety
All models are Certified to be in compliance with the applicable requirements of
UL 2601, CSA 22.2 No. 601.1-M90, IEC 601-1 (1988), EN 60601-1: 1990. (Consult
factory for approval status)
D C P o w e r S u p p l i e s


Similar Part No. - GPFM115-28

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFM1200 SLPOWER-GPFM1200 Datasheet
174Kb / 2P
   1200 WATT GLOBAL PERFORMANCE SWITCHERS
GPFM1200-48 SLPOWER-GPFM1200-48 Datasheet
174Kb / 2P
   1200 WATT GLOBAL PERFORMANCE SWITCHERS
GPFM125A SLPOWER-GPFM125A Datasheet
230Kb / 2P
   125 Watt Global Performance Switchers
GPFM125B SLPOWER-GPFM125B Datasheet
230Kb / 2P
   125 Watt Global Performance Switchers
GPFM125C SLPOWER-GPFM125C Datasheet
230Kb / 2P
   125 Watt Global Performance Switchers
More results

Similar Description - GPFM115-28

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com