Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0LA2-31013 Datasheet(PDF) 7 Page - Emcore Corporation

Part # 6000-0LA2-31013
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0LA2-31013 Datasheet(HTML) 7 Page - Emcore Corporation

  6000-0LA2-31013 Datasheet HTML 1Page - Emcore Corporation 6000-0LA2-31013 Datasheet HTML 2Page - Emcore Corporation 6000-0LA2-31013 Datasheet HTML 3Page - Emcore Corporation 6000-0LA2-31013 Datasheet HTML 4Page - Emcore Corporation 6000-0LA2-31013 Datasheet HTML 5Page - Emcore Corporation 6000-0LA2-31013 Datasheet HTML 6Page - Emcore Corporation 6000-0LA2-31013 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Model Number Information (note 3)
6000 –
□ □ □ □ - □ □ □ □ □
Logo &
Customer
Specific
Link type
Pout (dBm min)
Note 1
Loading Type
Optics
RF
Wavelength
(nm)
Power Supply
0 – EMCORE
Logo
D – 40 km
0 – for D, H, and F
types
1 – NTSC (80-
ch)
1 – SC/APC,
Rear
1 – RF IN
Rear, TP
Front
00 –1555+/-
5.0nm
1 – AC primary,
no secondary
1 – no Logo
S – 65 km
A – 7.0/7.0 for S-
type
2 – PAL
(60-ch)
2 – FC/APC,
Rear
2 – RF IN
Front, TP
Front
01 – 1550+/-
5.0nm
2 – DC primary,
no secondary
H – 80 km
B – 8.0/8.0 for S
Type
3 – NTSC (110-
ch)
3 –
E2000/APC,
Rear
3 – RF IN
Front, TP
Rear
xx – ITU
Channel +/-
0.1nm
Note 2
3 – AC primary,
AC secondary
F – FTTx SBS 20
dBm
C – 10.0 for S
Type
4 – PAL
(89-ch)
4 – SC/APC,
Front
4 – RF IN
Rear, TP
Rear
4 – AC primary,
DC secondary
L – 25 km
D –
10 / 10 for S and L
Type
Note 4
5 – Not Used
5 – FC/APC,
Front
5 – DC primary,
DC secondary
N – 40 km
E – 8.5/8.5 for L
Type
6 – CENELEC
(42-ch)
Note 5
6 –
E2000/APC,
Front
Note 1: Options available for Indicated Types only.
Note 2: ITU grid wavelengths can be specified from channel 18 to 40.
Note 3: Not all configurations are available, contact factory.
Note 4: Available for S and L Links. CSO port 2 degraded by 1dB for Channel Loads 1 and 2, CSO port 2 degraded by 2dB
for Channel Loads 3 and 4.
Note 5: Contact Factory for Model type availability
Additional Kits
G3708-006-001 - Replaceable AC power supply modules
G3708-005-001 - Replaceable DC power supply modules
G7914-076-001 - Replaceable Blank power module plate
G7906-008-001 - Replaceable fans
Medallion 6000 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 6000-0LA2-31013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0LA2-11001 EMCORE-6000-0LA2-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0LA2-31013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com