Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0FA2-31013 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 6000-0FA2-31013
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0FA2-31013 Datasheet(HTML) 1 Page - Emcore Corporation

  6000-0FA2-31013 Datasheet HTML 1Page - Emcore Corporation 6000-0FA2-31013 Datasheet HTML 2Page - Emcore Corporation 6000-0FA2-31013 Datasheet HTML 3Page - Emcore Corporation 6000-0FA2-31013 Datasheet HTML 4Page - Emcore Corporation 6000-0FA2-31013 Datasheet HTML 5Page - Emcore Corporation 6000-0FA2-31013 Datasheet HTML 6Page - Emcore Corporation 6000-0FA2-31013 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
High Performance Supertrunking Links
High Power Distribution Networks
Redundant Ring Architectures
FTTx Networks
RFOG Applications
SAT-IF Transport
DWDM Node Splitting
Features
Single or Dual Optical Outputs
QAM Loading to 1003 MHz
Dual Power Supplies, Redundant &
Hot Swappable
Front Panel RF Test Point
SNMP Control Interface
WEB GUI
Vacuum Fluorescent Status Display
OMI / RF Gain Adjustment
AGC Select: CW, Video, Manual
(No AGC)
Industry Leading Field Adjustable
SBS Suppression
Field Adjustable Electronic
Dispersion Compensation (EDC)
The L-type/D-type/S-type/F-type/N-type Medallion 6000 Series
This product line is a family of state-of-the-art high performance 1550 nm
externally modulated CATV fiber optic transmitters optimized for varying network
applications. Packaged in convenient 1RU housing, this line of optical transmitters
couples high optical output powers, up to 11.0 dBm, with low optical line width
resulting in unmatched performance. The optical modulator, combined with
proprietary pre-distortion circuitry, provides superior CTB and CSO performance
with SBS suppression levels of greater than 21 dBm. Advanced features such as
built in field adjustable SBS control and electronic dispersion compensation allow
these transmitters to be quickly optimized in the field for any link or application
without the need to procure specifically tuned transmitters. This affords the system
designer a level of flexibility previously unknown in the CATV market place.
The L-type series are designed as a high performance solution for applications
where the simultaneous transport of CATV and SAT-IF FM signals is required.
The SAT-IF signals can be applied anywhere in the 950 to 2800 MHz band.
The D-type series are designed as a low cost, high performance solution for
applications where the required fiber length is in the range of 20 to 50 kilometers.
Advanced, high power, DFB laser technology allows these transmitters to be
fielded without the use of EDFAs.
The S-type series transmitters are designed to be the most versatile model within
the Medallion 6000 series family. They can easily be configured to meet most
HFC network solutions requiring link lengths in the range of 50 to 70 kilometers
with one EDFA as well as links utilizing multiple EDFA’s.
The H-type series transmitters are optimized for single EDFA fiber links in the 70
to 90 kilometer range. These transmitters take advantage of our advanced fiber
dispersion compensation circuitry to provide exceptional CATV performance.
The F-type series transmitters are intended for use in FTTx and RFoG
architecture designs requiring high quality transmission over varying transmission
lengths and EDFA output powers. These transmitters successfully support very
high optical launch powers while controlling the detrimental effects of Stimulated
Brillouin Scattering (SBS), group velocity dispersion (GVD), and self phase
modulation (SPM).
The N-type series transmitters are intended for use in node-splitting architecture
designs requiring cost effective DWDM transmission over medium length fiber
distances.
Medallion 6000 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 6000-0FA2-31013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0FA2-11001 EMCORE-6000-0FA2-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0FA2-31013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com