Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF947T1 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MRF947T1
Description  NPN Silicon Low Noise, High-Frequency Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF947T1 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MRF947T1 Datasheet HTML 7Page - Motorola, Inc MRF947T1 Datasheet HTML 8Page - Motorola, Inc MRF947T1 Datasheet HTML 9Page - Motorola, Inc MRF947T1 Datasheet HTML 10Page - Motorola, Inc MRF947T1 Datasheet HTML 11Page - Motorola, Inc MRF947T1 Datasheet HTML 12Page - Motorola, Inc MRF947T1 Datasheet HTML 13Page - Motorola, Inc MRF947T1 Datasheet HTML 14Page - Motorola, Inc MRF947T1 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2–11
MMBR941 MRF947 MRF9411 SERIES
MOTOROLA RF DEVICE DATA
Figure 15. MMBR941LT1, T3 Constant Gain and Noise Figure Contours
(f = 1.0 GHz)
f (GHz)
NF OPT (dB)
RN
0.5
1.54
38
ΓMS NF OPT
0.71
∠ 39°
+j1
+j2
–j2
–j1
– j0.5
– j0.2
+ j0.2
+ j0.5
8
9
10
11
8
K
0.28
f (GHz)
NF OPT (dB)
RN
1.0
1.95
28
ΓMS NF OPT
0.55
∠ 76°
K
0.51
+j1
+j2
–j2
–j1
– j0.5
– j0.2
+ j0.2
+ j0.5
8.6
1.7
1.9
2.1
7
6
2
2.1
2.3
2.5
VCE = 1.0 V
IC = 0.5 mA
— AREA OF INSTABILITY
VCE = 1.0 V
IC = 0.5 mA
— AREA OF INSTABILITY
Figure 16. MMBR941LT1, T3 Constant Gain and Noise Figure Contours
(f = 0.5 GHz)
1.5


Similar Part No. - MRF947T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF947 MOTOROLA-MRF947 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
More results

Similar Description - MRF947T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951ALT1 MOTOROLA-MMBR951ALT1 Datasheet
215Kb / 16P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
ON Semiconductor
BC549C ONSEMI-BC549C Datasheet
65Kb / 4P
   Low Noise Transistors NPN Silicon
March, 2007 ??Rev. 2
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
BC549B ONSEMI-BC549B Datasheet
57Kb / 4P
   Low Noise Transistors NPN Silicon
February, 2001 ??Rev. 1
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com