Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9511LT1 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MRF9511LT1
Description  NPN Silicon Low Noise, High-Frequency Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9511LT1 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MRF9511LT1 Datasheet HTML 7Page - Motorola, Inc MRF9511LT1 Datasheet HTML 8Page - Motorola, Inc MRF9511LT1 Datasheet HTML 9Page - Motorola, Inc MRF9511LT1 Datasheet HTML 10Page - Motorola, Inc MRF9511LT1 Datasheet HTML 11Page - Motorola, Inc MRF9511LT1 Datasheet HTML 12Page - Motorola, Inc MRF9511LT1 Datasheet HTML 13Page - Motorola, Inc MRF9511LT1 Datasheet HTML 14Page - Motorola, Inc MRF9511LT1 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MMBR951 MRF957 MRF9511 SERIES
MOTOROLA RF DEVICE DATA
VCE
(Vdc)
IC
(mA)
f
(MHz)
NFmin
(dB)
Γo
(MAG, ANG)
rN
(ohms)
6.0
5.0
1000
1500
1.7
2.0
0.27
∠ 97
0.21
∠ 54
0.2
0.28
Table 3. MRF957T1 Typical Noise Parameters
TYPICAL CHARACTERISTICS
MRF957T1
0.1
0.2
0.5
1
2
3
30
20
10
12
5
Cib
Cob
Ccb
VR, REVERSE VOLTAGE (VOLTS)
Figure 14. Capacitance versus Voltage
200
100
10
20
50
30
20
10
1
2
5
100
VCE = 6 V
IC, COLLECTOR CURRENT (mA)
Figure 15. DC Current Gain versus Collector Current


Similar Part No. - MRF9511LT1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF951 MICROSEMI-MRF951 Datasheet
164Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Semiconductor
MRF951 ASI-MRF951 Datasheet
27Kb / 1P
   NPN SILICON RF TRANSISTOR
MRF951V3 ASI-MRF951V3 Datasheet
48Kb / 1P
   NPN SILICON RF TRANSISTOR
More results

Similar Description - MRF9511LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR941LT1 MOTOROLA-MMBR941LT1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
ON Semiconductor
BC549C ONSEMI-BC549C Datasheet
65Kb / 4P
   Low Noise Transistors NPN Silicon
March, 2007 ??Rev. 2
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
BC549B ONSEMI-BC549B Datasheet
57Kb / 4P
   Low Noise Transistors NPN Silicon
February, 2001 ??Rev. 1
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com