Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF947BT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF947BT1
Description  NPN Silicon Low Noise, High-Frequency Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF947BT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF947BT1 Datasheet HTML 1Page - Motorola, Inc MRF947BT1 Datasheet HTML 2Page - Motorola, Inc MRF947BT1 Datasheet HTML 3Page - Motorola, Inc MRF947BT1 Datasheet HTML 4Page - Motorola, Inc MRF947BT1 Datasheet HTML 5Page - Motorola, Inc MRF947BT1 Datasheet HTML 6Page - Motorola, Inc MRF947BT1 Datasheet HTML 7Page - Motorola, Inc MRF947BT1 Datasheet HTML 8Page - Motorola, Inc MRF947BT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MMBR941 MRF947 MRF9411 SERIES
2–4
MOTOROLA RF DEVICE DATA
Figure 5. MMBR941LT1, T3
Figure 6. MRF9411LT1
Figure 7. Noise Figure and Associated Gain
versus Frequency
Figure 8. Minimum Noise Figure versus
Collector Current
FORWARD INSERTION GAIN AND
MAXIMUM UNILATERAL GAIN versus FREQUENCY
Figure 9. Functional Circuit Schematic (all devices)
30
25
20
15
10
5
0
0.1
0.2 0.3
0.5
1
0.7
2
10
7
5
3
f, FREQUENCY, (GHz)
IC, COLLECTOR CURRENT (mA)
IC = 15 mA
VCE = 6 V
VCE = 6 V
IC = 5 mA
VCE = 6 V
|S21|2
GUmax
NFmin
NFmin @ 2 GHz
|S21|2
GUmax
MRF9411LT1
NF50
VBE
VCE
DUT
RF INPUT
RF OUTPUT
*SLUG TUNER
*SLUG TUNER
BIAS
NETWORK
BIAS
NETWORK
*MICROLAB/FXR
**SF – 11N < 1 GHz
**SF – 31IN
≥ 1 GHz
0
1
2
3
4
5
6
30
25
20
15
10
5
0
0.1
0.2 0.3
0.5
1
0.7
2
10
7
5
3
f, FREQUENCY, (GHz)
24
20
16
12
8
4
0
0.1
0.2 0.3
0.5
1
0.7
2
10
7
5
3
f, FREQUENCY, (GHz)
6
5
4
3
2
1
0
12
3
5
10
7
20
100
70
50
30
IC = 15 mA
VCE = 6 V
CIRCUIT — FIGURE 9
MMBR941LT1, T3
MRF947
NFmin @ 1 GHz


Similar Part No. - MRF947BT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF947 MOTOROLA-MRF947 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
More results

Similar Description - MRF947BT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951ALT1 MOTOROLA-MMBR951ALT1 Datasheet
215Kb / 16P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
ON Semiconductor
BC549C ONSEMI-BC549C Datasheet
65Kb / 4P
   Low Noise Transistors NPN Silicon
March, 2007 ??Rev. 2
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
BC549B ONSEMI-BC549B Datasheet
57Kb / 4P
   Low Noise Transistors NPN Silicon
February, 2001 ??Rev. 1
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com