Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222LT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMBT2222LT1
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBT2222LT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MMBT2222LT1 Datasheet HTML 1Page - Motorola, Inc MMBT2222LT1 Datasheet HTML 2Page - Motorola, Inc MMBT2222LT1 Datasheet HTML 3Page - Motorola, Inc MMBT2222LT1 Datasheet HTML 4Page - Motorola, Inc MMBT2222LT1 Datasheet HTML 5Page - Motorola, Inc MMBT2222LT1 Datasheet HTML 6Page - Motorola, Inc MMBT2222LT1 Datasheet HTML 7Page - Motorola, Inc MMBT2222LT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMBT2222LT1 MMBT2222ALT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
+16 V
– 2 V
< 2 ns
0
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1 k
+ 30 V
200
CS* < 10 pF
+16 V
–14 V
0
< 20 ns
1.0 to 100
µs,
DUTY CYCLE
≈ 2.0%
1 k
+ 30 V
200
CS* < 10 pF
– 4 V
1N914
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
100
200
300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
1.0
0.8
0.6
0.4
0.2
0
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB, BASE CURRENT (mA)
Figure 4. Collector Saturation Region


Similar Part No. - MMBT2222LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2222LT1 ONSEMI-MMBT2222LT1 Datasheet
181Kb / 8P
   General Purpose Transistors
September, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBT2222LT1 LRC-MMBT2222LT1 Datasheet
208Kb / 5P
   General Purpose Transistors(NPN Silicon)
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
ON Semiconductor
MMBT2222LT1 ONSEMI-MMBT2222LT1 Datasheet
128Kb / 8P
   General Purpose Transistors NPN Silicon
March, 2001 ??Rev. 1
More results

Similar Description - MMBT2222LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com