Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3102L-50 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS3102L-50
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102L-50 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS3102L-50 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102L-50 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102L-50 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102L-50 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102L-50 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102L-50 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102L-50 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102L-50 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS3102
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at VIN =6V, VOUT =3V IO =10mA, TJ=25°C, R1 =27k, C2 = 2
µF unless otherwise specified.
PARAMETER
CONDITIONS
(Note 2)
Min.
AMS3102C
Typ.
Max.
Units
Adjustable Version
Reference Voltage
1.210
1.235
1.26
V
IO
≤ 100 mA, -40°C ≤T
J
≤ 125°C, R1=27k,
Measured from VOUT to Adjust Pin
1.20
1.235
1.270
V
Output Voltage Range
2
20
V
Line Regulation
VOUT + 1V
≤V
IN
≤ 21V
.02
1.5
mV/V
Load Regulation
5mA
≤I
O
≤ 100 mA
5mA
≤I
O
≤ 200 mA
0.3
1
1
2
%
%
Dropout Voltage
I
O
≤ 10 mA
I
O
= 100 mA
I
O
= 200 mA (Note 5)
0.05
0.3
0.5
0.2
0.4
0.6
V
V
V
Quiescent Current
I
O
= 10 mA
I
O
= 100 mA
During Shutdown RL = 500
0.3
3
0.3
0.5
4
0.5
mA
mA
mA
Output Noise Voltage
10Hz-100kHz
100
µV
rms/V
Output Impedance
100mADC and 10mArms,100Hz=10kHz
40
200
m
Long Term Stability
T =1000hr
0.4
%/1000hr
Ripple Rejection
fO = 120Hz
0.02
dB
Maximum Operational Input
Voltage
21
22
V
Maximum Line Transient
IO = 10mA, Reference Voltage
≤ 1.5V
T = 1ms,
τ ≤100ms
35
40
V
Reverse Polarity Input Voltage,
D/C
RL = 500
Ω, V
O
≥ -0.3V
-35
-40
V
Reverse Polarity Input Voltage,
Transient
RL = 500
Ω, T = 1ms, τ ≤100ms
-35
-40
V
On/Off Threshold Voltage
On
Off
VO = 3V
2.5
1.8
2.0
1.5
V
V
On/Off Threshold Current
VOFF = 2.4V
35
60
µA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. For guaranteed performance limits and associated test conditions, see
the Electrical Characteristics tables.
Note 2: To ensure constant junction temperature, low duty cycle pulse testing is used.
Note 3: Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in normal type apply for
TA = TJ = 25
°C.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the junction-to ambient thermal resistance
θ
J-A and
the ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
A
-
J
A
J
T
-
(MAX)
T
P(MAX)
θ
=
Where the value of the junction-to-ambient thermal resistance are as follows: 195
°C/W for the TO-92 (N) package, 110°C/W for SOT-89 (L), 220°C/W for 5 lead
SOT-23 (M1) and 160
°C/W for the molded plastic SO-8 (S).
Note 5: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential.


Similar Part No. - AMS3102L-50

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3102L-50 ADMOS-AMS3102L-50 Datasheet
171Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3102L-50

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102_1 Datasheet
171Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com