Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9416 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9416
Description  Bulkhead Hermetically Sealed 75 Ohm N Female to N Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9416 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9416 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9416 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9416 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Bulkhead Hermetically Sealed 75 Ohm N Female to N Female Adapter
Configuration
Connector 1
N Female
Impedance 1
75 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
N Female
Impedance 2
75 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.54 [39.12]
Width/Dia., in [mm]
0.87 [22.1]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Bulkhead Hermetically Sealed 75 Ohm N
Female to N Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead Hermetically Sealed 75 Ohm N Female to N Female Adapter PE9416
PE9416
PE9416 REV


Similar Part No. - PE9416

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
   7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9411 PASTERNACK-PE9411 Datasheet
248Kb / 2P
   SMA Male to 7/16 DIN Female Adapter
PE9412 PASTERNACK-PE9412 Datasheet
243Kb / 2P
   SMA Female to 7/16 DIN Male Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
   LC Female to HN Male Adapter
PE9414 PASTERNACK-PE9414 Datasheet
246Kb / 2P
   7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter
More results

Similar Description - PE9416

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9128 PASTERNACK-PE9128 Datasheet
474Kb / 3P
   Hermetically Sealed N Female to N Female Bulkhead Adapter
PE9624 PASTERNACK-PE9624 Datasheet
349Kb / 3P
   Bulkhead Hermetically Sealed 75 Ohm TNC Female to TNC Female Adapter
PE9417 PASTERNACK-PE9417 Datasheet
252Kb / 2P
   Isolated Ground 75 Ohm N Female to N Female Bulkhead Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
   75 Ohm N Female to N Female Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
   75 Ohm N Female to BNC Female Adapter
PE9629 PASTERNACK-PE9629 Datasheet
244Kb / 2P
   75 Ohm N Female to TNC Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
   Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
logo
List of Unclassifed Man...
BTF175 ETC2-BTF175 Datasheet
80Kb / 1P
   THC ADAPTER, BULKHEAD, HERMETICALLY SEALED, 75 OHM
logo
Pasternack Enterprises,...
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
   Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
PE9184 PASTERNACK-PE9184 Datasheet
248Kb / 2P
   Hermetically Sealed SMA Female to SMA Female Bulkhead Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com