Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBR951ALT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMBR951ALT1
Description  NPN Silicon Low Noise, High-Frequency Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR951ALT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MMBR951ALT1 Datasheet HTML 1Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 2Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 3Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 4Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 5Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 6Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 7Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 8Page - Motorola, Inc MMBR951ALT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MMBR951 MRF957 MRF9511 SERIES
4
MOTOROLA RF DEVICE DATA
Figure 1. Collector–Base Capacitance
versus Voltage
Figure 2. DC Current Gain versus
Collector Current
Figure 3. Gain Bandwidth Product versus
Collector Current
Figure 4. Insertion Gain versus Collector Current
TYPICAL CHARACTERISTICS
MMBR951LT1, MMBR951ALT1, MRF9511LT1
IC, COLLECTOR CURRENT (mA)
VCE = 8 V
f = 1 GHz
16
14
12
10
8
6
4
12
3
5
10
7
20
100
70
50
30
MMBR951LT1
VCE = 8 V
f = 1 MHz
IC, COLLECTOR CURRENT (mA)
12
10
8
6
4
2
0
12
3
5
10
7
20
100
70
30
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
1
2
3
5
10
20
100
50
1
5
10
20
50
100
1
2
0.1
0.2
0.5
MRF9511LT1
VCB, REVERSE VOLTAGE (V)
5
10
2
VCE = 8 V


Similar Part No. - MMBR951ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
logo
New Jersey Semi-Conduct...
MMBR951L NJSEMI-MMBR951L Datasheet
70Kb / 2P
   Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
   isc Silicon NPN RF Transistor
More results

Similar Description - MMBR951ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR941LT1 MOTOROLA-MMBR941LT1 Datasheet
309Kb / 17P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
ON Semiconductor
BC549C ONSEMI-BC549C Datasheet
65Kb / 4P
   Low Noise Transistors NPN Silicon
March, 2007 ??Rev. 2
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
BC549B ONSEMI-BC549B Datasheet
57Kb / 4P
   Low Noise Transistors NPN Silicon
February, 2001 ??Rev. 1
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com