Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX7042W-PAD Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX7042W-PAD
Description  Integrated keyboard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX7042W-PAD Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX7042W-PAD Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
385
AX7042
1U Keyboard Drawer with Touch Pad
19" rackmount drawer meets the EIA RS-310C standard
Integrated keyboard
Compact and slim size design with 107-key layout
Windows
® 98 keyboard featuring with three ACPI power
saving keys
High quality rubber-membrane key switch
Designed touch pad for ease of operation
Drawer standard color: beige or black Keyboard standard
color: black (English only)
Rugged slide rail and USB cable included
Ordering Information
AX7042W
1U beige color keyboard drawer
AX7042W-PAD
1U beige color keyboard drawer with touch pad
AX7042T
1U black color keyboard drawer
AX7042T-PAD
1U black color keyboard drawer with touch pad
Features
Specifications
Min
Average
Max
Conditions
Active Area
59 mm x 42 mm
Mass
15 g
Mouse Buttons Inputs
2 debounced active low switch inputs provided
on connector
Resolution
170+/-10%
153DPI
170DPI
187DPI
Max. Tracking Speed
250 cm/s
Linearity
+10%
+10%
Interface Protocol
USB
Host Interface
8-pin FFC, Horizontal
Supply Voltage
5VDC +/-10%
4.5V
5V
5.5V
White Noise
Supply Ripple
100 mV rms
Vcc = 5V
Power Consumption
7mA
10mA
IEC801-2
ESD
8kV, No Error
8kV
IEC801-2
ESD
15kV, No Damage
15kV
Operating Temperature
0°C
45°C
Storage Temperature
-40°C
70°C
Non-Condensing
Relative Humidity
5%
95%
Shock Resistance
80 g/11 ms
Vibrations
5 ~ 500 MHz
Static Load
9.8N
2.5N
Tapping
1 million cycles
0.5N
Abrasion
1 million cycles
RFI Immunity
LCD, CRTs, Fluorescent Lights, Cellular Phones
Dimensions
482.6 mm (19") (W) x 350 mm (13.78") (D)
x 44 mm (1.75") (H)


Similar Part No. - AX7042W-PAD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX7042W-PAD AXIOMTEK-AX7042W-PAD Datasheet
156Kb / 1P
   1U Keyboard Drawer with Touch Pad
More results

Similar Description - AX7042W-PAD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX69170 AXIOMTEK-AX69170 Datasheet
139Kb / 1P
   Integrated keyboard/touchpad
AX69150 AXIOMTEK-AX69150 Datasheet
177Kb / 1P
   Integrated keyboard/touchpad
logo
Cherry Semiconductor Co...
G84-5500LPMEU-0 CHERRY-G84-5500LPMEU-0 Datasheet
148Kb / 2P
   Slim, compact keyboard with integrated Touchpad
G84-5400LPMXX-0 CHERRY-G84-5400LPMXX-0 Datasheet
144Kb / 2P
   Slim, compact keyboard with integrated optical Trackball.
logo
Shenzhen Putianhe Techn...
TM1650 PTH-TM1650 Datasheet
494Kb / 11P
   Driver Control / Keyboard Scanned Special integrated circuit
logo
Shenzhen Huazhimei Semi...
HM1650 HMSEMI-HM1650 Datasheet
514Kb / 7P
   LED Drive Control/Keyboard Scan Specific Integrated Circuit
logo
List of Unclassifed Man...
AU9472R2 ETC1-AU9472R2 Datasheet
447Kb / 31P
   Integrated USB Keyboard and 2 Port Hub Controller Chip
logo
NXP Semiconductors
ISP1130 PHILIPS-ISP1130 Datasheet
1Mb / 68P
   Universal Serial Bus compound hub with integrated keyboard controller
Rev. 01-23 March 2000
logo
Advantech Co., Ltd.
DLT-V7210-K ADVANTECH-DLT-V7210-K Datasheet
790Kb / 3P
   Rugged, X86-Based Vehicle-Mounted Terminal with Integrated Keyboard
10-Feb-2023
logo
List of Unclassifed Man...
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
   Keyboard Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com