Electronic Components Datasheet Search |
|
6000-0FC2-32012 Datasheet(PDF) 3 Page - Emcore Corporation |
|
6000-0FC2-32012 Datasheet(HTML) 3 Page - Emcore Corporation |
3 / 7 page DATASHEET | DECEMBER 2011 FIBER OPTICS | REV 2011.12 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. H-type Property Units Models Comments Performance (Note 1-7) 6000-H01 6000-H02 Specified Link Length L (km) 80 80 Channel Plan NTSC 80-Ch PAL 60-Ch Optical Output Power Po (dBm) 7.0/ 7.0 7.0/ 7.0 Min. Noise Bandwidth BW (MHz) 4 5 SBS Suppression (dBm) 18.0 18.0 Min. Carrier to Noise Ratio CNR (dB) 52.0/ 52.0 52.0/ 52.0 Min. Composite Second Order CSO (dBc) -65/ -65 -65/ -65 Max. Composite Triple Beat CTB (dBc) -65 -65 Max. @ +25 C Composite Triple Beat CTB (dBc) -64 -64 Max. @ 0 oC to 50oC F-type Property Units Models Comments Performance (Note 1-7) 6000-F01 6000-F02 6000-F03 6000-F04 Specified Link Length L (km) 20 20 20 20 Channel Plan NTSC 80-Ch PAL 60-Ch NTSC 110-ch PAL 89-Ch Optical Output Power Po (dBm) 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 Min. Noise Bandwidth BW (MHz) 4 5 4 5 SBS Suppression (dBm) 21.0 21.0 21.0 21.0 Min. Carrier to Noise Ratio CNR (dB) 48.0 48.0 45.0 45.0 Min. Composite Second Order CSO (dBc) -58 -58 -58 -58 Max. Composite Triple Beat CTB (dBc) -58 -58 -58 -58 Max. N-type Property Units Models Comments Performance (Note 1-7) 6000-N01 6000-N02 Specified Link Length L (km) 40 40 Channel Plan NTSC 80-Ch PAL 60-Ch Optical Output Power Po (dBm) 9.5 9.5 Min. Noise Bandwidth BW (MHz) 4 5 SBS Suppression (dBm) 13.0 13.0 Min. Carrier to Noise Ratio CNR (dB) 52.0 52.0 Min. Composite Second Order CSO (dBc) -62 -62 Max. Composite Triple Beat CTB (dBc) -62 -62 Max. @ +25 C Composite Triple Beat CTB (dBc) -61 -61 Max. @ 0 oC to 50oC Notes: 1. Unless stated otherwise all specifications apply over full temperature range with no digital loading. 2. Unless stated otherwise specifications apply for nominal RF input level as defined below, after a 30 minute stabilization period. 3. Specifications separated by a slash are port1 / port 2. 4. Units are tested per the Test / Link Configuration Table 5. Noise figure for the EDFA = 4.5 ~ 5.5 dB 6. Corning SMF-28 single mode fiber 7. Receiver responsivity is 0.95 mA/mW, Equivalent noise current is 7 pA/(Hz)1/2 8. With 36 QPSK modulated SAT-IF signals between 950 … 2800 MHz. 27 MHz IF bandwidth Medallion 6000 Series 1550 nm Externally Modulated Transmitter |
Similar Part No. - 6000-0FC2-32012 |
|
Similar Description - 6000-0FC2-32012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |