Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPM140-15 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPM140-15
Description  140 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM140-15 Datasheet(HTML) 1 Page - SL Power Electronics

  GPM140-15 Datasheet HTML 1Page - SL Power Electronics GPM140-15 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPC140 Commercial/GPM140 Medical
140 Watt Global Performance Switchers
SPECIFICATIONS:
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated
output load: 3.7 A
Hold-Up Time
20ms minimum from loss of ac input at full load, nominal
line (115 Vac).
Output Power
140 W convection; 160 W with air flow. Peak ratings are
for 60 s maximum duration, 10% duty cycle.
Overload Protection
Fully protected against short circuit and output overload.
Short circuit protection is cycling type power limit on
output 1. Recovery after fault is automatic.
Overvoltage Protection
Main outputs: 130% ± 15% typical.
Efficiency
70% at full rated load, nominal input voltage, depending
on model and load distribution.
Input Protection
Internal ac fuse provided. Designed to blow only if a
catastrophic failure occurs in the unit.
Inrush Current
Inrush is limited by internal thermistors. Inrush at 240 Vac,
averaged over the first ac half-cycle under cold start
conditions will not exceed 60 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
Thermal Shutdown
Provided as a standard feature. Designed to protect unit
from prolonged overtemperature.
Environmental
Designed for 0 to 50°C operation at full rated output
power; derate output current and total output power by
2.5% per °C above 50°C. See Environmental and
Packaging Specifications on next page.
Power Fail
TTL- or CMOS-compatible output goes low (< 0.5 V) 5 ms
before output voltage drops more than 4% below
nominal voltage upon loss of ac power. The signal is
factory set to trip on 84 to 94 Vac brown-out depending
upon incoming line impedance and distortion. Other
settings are available to the user through adjustment of
built-in potentiometer.
FEATURES:
• Wide-range ac input 85-264 Vac
• 2-year warranty
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
• Single outputs
• Commercial Approved to UL1950, IEC950,
EN60950 and CSA22.2-234 L3
• Medical Approved to UL2601-1, IEC601-1 and
CSA22.2 No. 601
marked to LVD
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential
mode. Measured with noise probe directly across output
terminals of the power supply.
Transient Response
Main output—500 µs typical response time for return to
within 0.5% of final value for a 50% load step change.
∆i/
∆t<0.2 A/µs. Maximum voltage deviation is 3.5%. Startup/
shutdown overshoot less than 3%.
Remote Sense
Provided as a standard feature.
Voltage Adjustment
Built-in potentiometer adjusts voltage ±5%.
Overload Protection
Factory set to begin power limiting at approximately 175 W.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the
following emissions requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GPC140 EN55022 Class B; FCC Class B
Conducted Emissions GPM140 EN55011 Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact, 8 kV air
RF Field Susceptibility
EN61000-4-3, 3 V/meter
Fast Transients/Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Commercial Leakage Current
0.95 mA 254 Vac @ 60 Hz input.
Commercial Safety
Approved to UL1950, CSA22.2 No. 234 Level 3, IEC950
and EN60950. UL file #E135803 commercial; CSA
#LR46516 all models. The output(s) are intended for
safety earthed Signal Output and Intermediate Circuits
only. All dc outputs are SELV under normal and single
fault conditions.
Medical Leakage Current
60 µA 254 Vac @ 60 Hz input.
Medical Safety
Approved to UL2601, CSA22.2 No. 601 Level 3 and
IEC601. UL file E116994; CSA #LR46516. The output(s)
are intended for safety earthed Signal Output and
Intermediate Circuits only. The output(s) are not accept-
able for patient connection without additional isolation. All
dc outputs are SELV under normal and single fault
conditions.


Similar Part No. - GPM140-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM130 SLPOWER-GPM130 Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
GPM130A SLPOWER-GPM130A Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
logo
List of Unclassifed Man...
GPM130A ETC2-GPM130A Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
logo
SL Power Electronics
GPM130B SLPOWER-GPM130B Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
logo
List of Unclassifed Man...
GPM130B ETC2-GPM130B Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
More results

Similar Description - GPM140-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
GPFC125 SLPOWER-GPFC125 Datasheet
230Kb / 2P
   125 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com